Electronic Components Datasheet Search
  English  ▼

X  

FS714X Datasheet(PDF) 16 Page - ON Semiconductor

Part # FS714X
Description  Programmable Phase-Locked Loop Clock Generator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FS714X Datasheet(HTML) 16 Page - ON Semiconductor

Back Button FS714X Datasheet HTML 11Page - ON Semiconductor FS714X Datasheet HTML 12Page - ON Semiconductor FS714X Datasheet HTML 13Page - ON Semiconductor FS714X Datasheet HTML 14Page - ON Semiconductor FS714X Datasheet HTML 15Page - ON Semiconductor FS714X Datasheet HTML 16Page - ON Semiconductor FS714X Datasheet HTML 17Page - ON Semiconductor FS714X Datasheet HTML 18Page - ON Semiconductor FS714X Datasheet HTML 19Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
FS714x
Table 13: AC Timing Specifications
Parameter
Symbol
Conditions/Description
Clock
(MHz)
Min.
Typ.
Max.
Units
Overall
CMOS outputs
0
150
Output frequency*
fo(max)
PECL outputs
0
300
MHz
VCO frequency*
fVCO
40
400
MHz
CMOS mode rise time*
tr
CL = 7pF
1
ns
CMOS mode fall time*
tf
CL = 7pF
1
ns
PECL mode rise time*
tr
CL = 7pF; RL = 65 ohm
1
ns
PECL mode fall time*
tf
CL = 7pF; RL = 65 ohm
1
ns
Reference Frequency Input (REF)
Input frequency
FREF
80
MHz
Reference high time
tREHF
3
ns
Reference low time
tREFL
3
ns
Sync Control Input (SYNC)
Sync high time
tSYNCH
For orderly CLK stop/start
3
TCLK
Sync low time
tSYNCL
For orderly CLK stop/start
3
TCLK
Clock Output (CLKP, CLKN)
Duty cycle (CMOS mode)*
Measured at 1.4V
50
%
Duty cycle (PECL mode)*
Measured at zero crossings of (VCLKP – VCLKN)
50
%
For valid programming solutions. Long-term (or cumulative) jitter specified is RMS
position error of any edge compared with an ideal clock generated from the same
reference frequency. It is measured with a time interval analyzer using a 500
microsecond window, using statistics gathered over 1000 samples.
ps
FREF/NREF > 1000kHz
25
ps
FREF/NREF ~= 500kHz
50
ps
FREF/NREF ~= 250kHz
100
ps
FREF/NREF ~= 125kHz
190
ps
FREF/NREF ~= 62.5kHz
240
ps
Jitter, long term (
σy(τ))*
tj(LT)
FREF/NREF ~= 31.5kHz
300
ps
40MHz < VCO frequency <100MHz
75
ps
Jitter, period (peak-peak)*
tj(ΔP)
VCO frequency > 100MHz
50
ps
Unless otherwise stated, VDD = 3.3V ± 10%, no load on any output, and ambient temperature range TA = 0°C to 70°C. Parameters denoted with an asterisk (*) represent
nominal characterization data and are not production tested to any specific limits. MIN and MAX characterization data are ± 3
σ from typical.
Table 14: Serial Interface Timing Specifications
Parameter
Symbol
Conditions/Description
Fast Mode
Units
Min.
Max.
Clock frequency
fSCL
SCL
0
400
kHz
Bus free time between STOP and START
tBUF
1300
ns
Set-up time, START (repeated)
Tsu:STA
600
ns
Hold time, START
thd:STA
600
ns
Set-up time, data input
Tsu:DAT
SDA
100
ns
Hold time, data input
thd:DAT
SDA
0
ns
Output data valid from clock
tAA
900
ns
Rise time, data and clock
tR
SDA, SCL
300
ns
Fall time, data and clock
tF
SDA, SCL
300
ns
High time, clock
tHI
SCL
600
ns
Low time, clock
tLO
SCL
1300
ns
Set-up time, STOP
Tsu:STO
600
ns
Unless otherwise stated, VDD = 3.3V ± 10%, no load on any output, and ambient temperature range TA = 0°C to 70°C. Parameters denoted with an asterisk (*) represent
nominal characterization data and are not production tested to any specific limits. MIN and MAX characterization data are ± 3
σ from typical.
Rev. 5 | Page 16 of 19 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com