Electronic Components Datasheet Search
  English  ▼

X  

STM704SDS6F Datasheet(PDF) 14 Page - STMicroelectronics

Part # STM704SDS6F
Description  3 V supervisor with battery switchover
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM704SDS6F Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STM704SDS6F Datasheet HTML 10Page - STMicroelectronics STM704SDS6F Datasheet HTML 11Page - STMicroelectronics STM704SDS6F Datasheet HTML 12Page - STMicroelectronics STM704SDS6F Datasheet HTML 13Page - STMicroelectronics STM704SDS6F Datasheet HTML 14Page - STMicroelectronics STM704SDS6F Datasheet HTML 15Page - STMicroelectronics STM704SDS6F Datasheet HTML 16Page - STMicroelectronics STM704SDS6F Datasheet HTML 17Page - STMicroelectronics STM704SDS6F Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
Operation
STM690, STM704, STM795, STM802, STM804, STM805, STM806
14/42
Doc ID 10519 Rev 9
2
Operation
2.1
Reset output
The STM690/704/795/802/804/805/806 supervisor asserts a reset signal to the MCU
whenever VCC goes below the reset threshold (VRST), a watchdog time-out occurs, or when
the push-button reset input (MR) is taken low. RST is guaranteed to be a logic low (logic
high for STM804/805) for 0 V < VCC < VRST if VBAT is greater than 1 V. Without a backup
battery, RST is guaranteed valid down to VCC = 1 V.
During power-up, once VCC exceeds the reset threshold an internal timer keeps RST low for
the reset time-out period, trec. After this interval RST returns high.
If VCC drops below the reset threshold, RST goes low. Each time RST is asserted, it stays
low for at least the reset time-out period (trec). Any time VCC goes below the reset threshold
the internal timer clears. The reset timer starts when VCC returns above the reset threshold.
2.2
Push-button reset input (STM704/806)
A logic low on MR asserts reset. Reset remains asserted while MR is low, and for trec (see
Figure 36) after it returns high. The MR input has an internal 40 k
Ω pull-up resistor, allowing
it to be left open if not used. This input can be driven with TTL/CMOS-logic levels or with
open-drain/ collector outputs. Connect a normally open momentary switch from MR to GND
to create a manual reset function; external debounce circuitry is not required. If MR is driven
from long cables or the device is used in a noisy environment, connect a 0.1µF capacitor
from MR to GND to provide additional noise immunity. MR may float, or be tied to VCC when
not used.
2.3
Watchdog input (NOT available on STM704/795/806)
The watchdog timer can be used to detect an out-of-control MCU. If the MCU does not
toggle the watchdog input (WDI) within tWD (1.6 s typ), the reset is asserted. The internal
watchdog timer is cleared by either:
1.
a reset pulse, or
2.
by toggling WDI (high-to-low or low-to-high), which can detect pulses as short as 50 ns.
If WDI is tied high or low, a reset pulse is triggered every 1.8 s (tWD + trec).
The timer remains cleared and does not count for as long as reset is asserted. As soon as
reset is released, the timer starts counting (see Figure 37).
Note:
Input frequency greater than 20 ns (50 MHz) will be filtered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com