Electronic Components Datasheet Search
  English  ▼

X  

STM704SDS6F Datasheet(PDF) 34 Page - STMicroelectronics

Part # STM704SDS6F
Description  3 V supervisor with battery switchover
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM704SDS6F Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STM704SDS6F Datasheet HTML 30Page - STMicroelectronics STM704SDS6F Datasheet HTML 31Page - STMicroelectronics STM704SDS6F Datasheet HTML 32Page - STMicroelectronics STM704SDS6F Datasheet HTML 33Page - STMicroelectronics STM704SDS6F Datasheet HTML 34Page - STMicroelectronics STM704SDS6F Datasheet HTML 35Page - STMicroelectronics STM704SDS6F Datasheet HTML 36Page - STMicroelectronics STM704SDS6F Datasheet HTML 37Page - STMicroelectronics STM704SDS6F Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
DC and AC parameters
STM690, STM704, STM795, STM802, STM804, STM805, STM806
34/42
Doc ID 10519 Rev 9
ISC
PFO output short to GND
current
VCC = 3.6 V, PFO = 0 V
0.1
0.75
2.0
mA
Battery switchover
VSO
Battery backup switchover
voltage(8)(9)
Power-down
VBAT > VSW
VSW
V
VBAT < VSW
VBAT
V
Power-up
VBAT > VSW
VSW
V
VBAT < VSW
VBAT
V
VSW
2.4
V
Hysteresis
40
mV
Reset thresholds
VRST
(10)
Reset threshold
STM690T/
704T/795T/ 805T
VCC falling
3.00
3.075
3.15
V
VCC rising
3.00
3.085
3.17
V
STM802T/
804T/806T
VCC falling
3.00
3.075
3.12
V
VCC rising
3.00
3.085
3.14
V
STM690S/
704S/795S/ 805S
VCC falling
2.85
2.925
3.00
V
VCC rising
2.85
2.935
3.02
V
STM802S/
804S/806S
VCC falling
2.88
2.925
3.00
V
VCC rising
2.88
2.935
3.02
V
STM690R/
704R/795R/ 805R
VCC falling
2.55
2.625
2.70
V
VCC rising
2.55
2.635
2.72
V
STM802R/
804R/806R
VCC falling
2.59
2.625
2.70
V
VCC rising
2.59
2.635
2.72
V
trec
RST pulse width
VCC < 3.6 V
140
200
280
ms
Push-button reset input (STM704/806)
tMLMH
tMR
MR pulse width
100
20
ns
tMLRL
tMRD MR to RST output delay
60
500
ns
Watchdog timer (NOT available on STM704/795/806)
tWD
Watchdog timeout period
VRST (max) < VCC < 3.6 V
1.12
1.60
2.24
s
WDI pulse width
VRST (max) < VCC < 3.6 V
100
20
ns
Chip enable gating (STM795 only)
E to ECON resistance
VCC = VRST (max)
46
Ω
Table 7.
DC and AC characteristics (continued)
Sym
Alter-
native
Description
Test condition(1)
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com