Electronic Components Datasheet Search
  English  ▼

X  

STM704SDS6F Datasheet(PDF) 31 Page - STMicroelectronics

Part # STM704SDS6F
Description  3 V supervisor with battery switchover
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM704SDS6F Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STM704SDS6F Datasheet HTML 27Page - STMicroelectronics STM704SDS6F Datasheet HTML 28Page - STMicroelectronics STM704SDS6F Datasheet HTML 29Page - STMicroelectronics STM704SDS6F Datasheet HTML 30Page - STMicroelectronics STM704SDS6F Datasheet HTML 31Page - STMicroelectronics STM704SDS6F Datasheet HTML 32Page - STMicroelectronics STM704SDS6F Datasheet HTML 33Page - STMicroelectronics STM704SDS6F Datasheet HTML 34Page - STMicroelectronics STM704SDS6F Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
STM690, STM704, STM795, STM802, STM804, STM805, STM806
DC and AC parameters
Doc ID 10519 Rev 9
31/42
5
DC and AC parameters
This section summarizes the operating measurement conditions, and the DC and AC
characteristics of the device. The parameters in the DC and AC characteristics tables that
follow, are derived tests performed under the measurement conditions summarized in
Table 6. Designers should check that the operating conditions in their circuit match the
operating conditions when relying on the quoted parameters.
Figure 34.
E to ECON propagation delay test circuit
1.
CL includes load capacitance and scope probe capacitance.
Figure 35.
AC testing input/output waveforms
Table 6.
Operating and AC measurement conditions
Parameter
STM690/704/795/
802/804/805/806
Unit
VCC/VBAT supply voltage
1.0 to 5.5
V
Ambient operating temperature (TA)
–40 to 85
°C
Input rise and fall times
≤ 55ns
Input pulse voltages
0.2 to 0.8 VCC
V
Input and output timing ref. voltages
0.3 to 0.7 VCC
V
AI08854
VBAT
ECON
VCC
VCC
3.6 V
50 pF C L
(1)
25
equivalent
source impedance
50
cable
50
50
STM690/704/
795/802/804/
805/806
GND
E
AI02568
0.8 V CC
0.2 V CC
0.7 V CC
0.3 V CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com