Electronic Components Datasheet Search
  English  ▼

X  

STM704SDS6F Datasheet(PDF) 15 Page - STMicroelectronics

Part # STM704SDS6F
Description  3 V supervisor with battery switchover
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM704SDS6F Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STM704SDS6F Datasheet HTML 11Page - STMicroelectronics STM704SDS6F Datasheet HTML 12Page - STMicroelectronics STM704SDS6F Datasheet HTML 13Page - STMicroelectronics STM704SDS6F Datasheet HTML 14Page - STMicroelectronics STM704SDS6F Datasheet HTML 15Page - STMicroelectronics STM704SDS6F Datasheet HTML 16Page - STMicroelectronics STM704SDS6F Datasheet HTML 17Page - STMicroelectronics STM704SDS6F Datasheet HTML 18Page - STMicroelectronics STM704SDS6F Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
STM690, STM704, STM795, STM802, STM804, STM805, STM806
Operation
Doc ID 10519 Rev 9
15/42
2.4
Backup battery switchover
In the event of a power failure, it may be necessary to preserve the contents of external
SRAM through VOUT. With a backup battery installed with voltage VBAT, the devices
automatically switch the SRAM to the backup supply when VCC falls.
Note:
When the battery is first connected without VCC power applied, the device does not
immediately provide battery backup voltage on VOUT. Only after VCC exceeds VRST will the
switchover operate as described below. This mode allows a battery to be attached during
manufacturing but not used until after the system has been activated for the first time. As a
result, no battery power is consumed by the device during storage and shipment. If the
backup battery is not used, connect both VBAT and VOUT to VCC.
This family of supervisors does not always connect VBAT to VOUT when VBAT is greater than
VCC. VBAT connects to VOUT (through a 100 Ω switch) when VCC is below VSW (2.4 V) or
VBAT (whichever is lower). This is done to allow the backup battery (e.g., a 3.6 V lithium cell)
to have a higher voltage than VCC.
Assuming that VBAT > 2.0 V, switchover at VSO ensures that battery backup mode is entered
before VOUT gets too close to the 2.0 V minimum required to reliably retain data in most
external SRAMs. When VCC recovers, hysteresis is used to avoid oscillation around the VSO
point. VOUT is connected to VCC through a 3 Ω PMOS power switch.
Note:
The backup battery may be removed while VCC is valid, assuming VBAT is adequately
decoupled (0.1 µF typ), without danger of triggering a reset.
Table 4.
I/O status in battery backup
Pin
Status
VOUT
Connected to VBAT through internal switch
VCC
Disconnected from VOUT
PFI
Disabled
PFO
Logic low
E
High impedance
ECON
Logic high
WDI
Watchdog timer is disabled
MR
Disabled
RST
Logic low
RST
Logic high
VBAT
Connected to VOUT
Vccsw
Logic high (STM795)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com