Electronic Components Datasheet Search
  English  ▼

X  

L6730 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6730
Description  Adjustable step-down controller with synchronous rectification
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6730 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6730_09 Datasheet HTML 2Page - STMicroelectronics L6730_09 Datasheet HTML 3Page - STMicroelectronics L6730_09 Datasheet HTML 4Page - STMicroelectronics L6730_09 Datasheet HTML 5Page - STMicroelectronics L6730_09 Datasheet HTML 6Page - STMicroelectronics L6730_09 Datasheet HTML 7Page - STMicroelectronics L6730_09 Datasheet HTML 8Page - STMicroelectronics L6730_09 Datasheet HTML 9Page - STMicroelectronics L6730_09 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
Summary description
L6730 - L6730B
6/52
Doc ID 11938 Rev 3
1.2
Application circuit
Figure 2.
Application circuit
BOOT
HGATE
PHASE
LGATE
HS
LS
VIN = 1.8V to 14V
LVout
VCC = 4.5V to 14V
L6730
PGND
RBOOT
RF
CF
CP
RS
CS
RFB
VCCDR
RH_SOU
RH_OSC
RL_EAREF
RL_OSC
RL_SOU
SOU/COU
TMASK
EAREF
SYNCH
ROS
CIN_HF
CIN_BULK
CBOOT
CVCCDR
RSN
CSN
OCL
COCL
ROCL
COCH
ROCH
OCH
COUT
VCCDR
VCCDR
CEAREF
OSC
RPG
PGOOD
CPGdelay
CDEC
PGOOD DELAY
CSS
SS/INH
SYNCH
RH_EAREF
RL_MASK
RH_MASK
RFILT
SHORT PIN1
NOTE 1: In module application it is recommended to place the short pin on the module where device is mounted.
THERMAL PAD
RHS
RLS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com