Electronic Components Datasheet Search
  English  ▼

X  

L6730 Datasheet(PDF) 30 Page - STMicroelectronics

Part # L6730
Description  Adjustable step-down controller with synchronous rectification
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6730 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button L6730_09 Datasheet HTML 26Page - STMicroelectronics L6730_09 Datasheet HTML 27Page - STMicroelectronics L6730_09 Datasheet HTML 28Page - STMicroelectronics L6730_09 Datasheet HTML 29Page - STMicroelectronics L6730_09 Datasheet HTML 30Page - STMicroelectronics L6730_09 Datasheet HTML 31Page - STMicroelectronics L6730_09 Datasheet HTML 32Page - STMicroelectronics L6730_09 Datasheet HTML 33Page - STMicroelectronics L6730_09 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 52 page
background image
Device description
L6730 - L6730B
30/52
Doc ID 11938 Rev 3
5.14
Bootstrap anti-discharging system
This built-in anti-discharging system keeps the voltage going across the bootstrap capacitor
from going below 3.3 V. An internal comparator senses the voltage across the external
bootstrap capacitor and helps to keep it charged, eventually turning on the low-side
MOSFET for approximately 200 ns. If the bootstrap capacitor is not charged up enough, the
high-side MOSFET cannot be effectively turned on and it will present a higher RDS(on). In
some cases, the OCP can be also triggered. There are up to two conditions during which
the bootstrap capacitor can be discharged:
●
fan power supply failure, and
●
no sink at zero current operation.
Figure 25.
14 V -> 0.5 V@820 kHz, 5 A
50ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com