Electronic Components Datasheet Search
  English  ▼

X  

L6730 Datasheet(PDF) 44 Page - STMicroelectronics

Part # L6730
Description  Adjustable step-down controller with synchronous rectification
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6730 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button L6730_09 Datasheet HTML 40Page - STMicroelectronics L6730_09 Datasheet HTML 41Page - STMicroelectronics L6730_09 Datasheet HTML 42Page - STMicroelectronics L6730_09 Datasheet HTML 43Page - STMicroelectronics L6730_09 Datasheet HTML 44Page - STMicroelectronics L6730_09 Datasheet HTML 45Page - STMicroelectronics L6730_09 Datasheet HTML 46Page - STMicroelectronics L6730_09 Datasheet HTML 47Page - STMicroelectronics L6730_09 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 52 page
background image
I/O Description
L6730 - L6730B
44/52
Doc ID 11938 Rev 3
TP2
This test point is connected to the Tmask pin (see Table 4: Pin connection).
TP3
This test point is connected to the S/O/U pin (see Chapter 5.10 on page 27).
SYNCH
This pin is connected to the synch pin of the controller (see Chapter 5.11 on
page 28).
PWRGD
This pin is connected to the PGOOD pin of the controller.
DIP SWITCH
Different positions of the dip switch correspond to different settings of the
multifunction pin (S/O/U) (CC/O/U).
Table 12.
Dip switch
UVLO
OVP
SINK CC
Vsou/VCCDR
DIP switch
State
5V
Not latched
Not
0
S7
A
5V
Not latched
Yes
0.2
S1-S7
B
5V
Latched
Not
0.3
S2-S7
C
5V
Latched
Yes
0.4
S3-S7
D
12V
Not latched
Not
0.5
S4-S7
E
12V
Not latched
Yes
0.6
S5-S7
F
12V
Latched
Not
0.7
S6-S7
G
12V
Latched
Yes
1
S1
H
Table 11.
I/O functions (continued)
Symbol
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com