Electronic Components Datasheet Search
  English  ▼

X  

L6730 Datasheet(PDF) 47 Page - STMicroelectronics

Part # L6730
Description  Adjustable step-down controller with synchronous rectification
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6730 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button L6730_09 Datasheet HTML 43Page - STMicroelectronics L6730_09 Datasheet HTML 44Page - STMicroelectronics L6730_09 Datasheet HTML 45Page - STMicroelectronics L6730_09 Datasheet HTML 46Page - STMicroelectronics L6730_09 Datasheet HTML 47Page - STMicroelectronics L6730_09 Datasheet HTML 48Page - STMicroelectronics L6730_09 Datasheet HTML 49Page - STMicroelectronics L6730_09 Datasheet HTML 50Page - STMicroelectronics L6730_09 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 52 page
background image
L6730 - L6730B
POL demonstration board
Doc ID 11938 Rev 3
47/52
10
POL demonstration board
10.1
Description
A compact demonstration board has been designed to manage currents in the range of 10-
15 A. Figure 39 shows the schematic and Table 10 the part list. Multi-layer-ceramic-
capacitors (MLCCs) have been used on the input and the output in order to reduce the
overall size.
Figure 43.
Pol demonstration board schematic
Table 13.
Pol demonstration board part list
Reference
Value
Manufacturer
Package
Supplier
R1
1K8Ω
Neohm
SMD 0603
IFARCAD
R2
10KΩ
Neohm
SMD 0603
IFARCAD
R3
N.C.
R4
10Ω
Neohm
SMD 0603
IFARCAD
R5
11K 1% 100mW
Neohm
SMD 0603
IFARCAD
R6
2K7 1% 100mW
Neohm
SMD 0603
IFARCAD
R7
N.C.
Neohm
SMD 0603
IFARCAD
R8
0Ω
Neohm
SMD 0603
IFARCAD
R9
3K 1% 100mW
Neohm
SMD 0603
IFARCAD
R10
4K7 1% 100mW
Neohm
SMD 0603
IFARCAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com