Electronic Components Datasheet Search
  English  ▼

X  

R28 Datasheet(PDF) 347 Page - Renesas Technology Corp

Part # R28
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  473 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R28 Datasheet(HTML) 347 Page - Renesas Technology Corp

Back Button R28 Datasheet HTML 343Page - Renesas Technology Corp R28 Datasheet HTML 344Page - Renesas Technology Corp R28 Datasheet HTML 345Page - Renesas Technology Corp R28 Datasheet HTML 346Page - Renesas Technology Corp R28 Datasheet HTML 347Page - Renesas Technology Corp R28 Datasheet HTML 348Page - Renesas Technology Corp R28 Datasheet HTML 349Page - Renesas Technology Corp R28 Datasheet HTML 350Page - Renesas Technology Corp R28 Datasheet HTML 351Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 347 / 473 page
background image
R8C/28 Group, R8C/29 Group
18. A/D Converter
Rev.2.10
Sep 26, 2008
Page 328 of 441
REJ09B0279-0210
18. A/D Converter
The A/D converter consists of one 10-bit successive approximation A/D converter circuit with a capacitive coupling
amplifier. The analog input shares pins P1_0 to P1_3. Therefore, when using these pins, ensure that the corresponding
port direction bits are set to 0 (input mode).
When not using the A/D converter, set the VCUT bit in the ADCON1 register to 0 (Vref unconnected) so that no
current will flow from the VREF pin into the resistor ladder. This helps to reduce the power consumption of the chip.
The result of A/D conversion is stored in the AD register.
Table 18.1 lists the Performance of A/D converter. Figure 18.1 shows a Block Diagram of A/D Converter.
Figures 18.2 and 18.3 show the A/D converter-related registers.
NOTES:
1. The analog input voltage does not depend on use of a sample and hold function.
When the analog input voltage is over the reference voltage, the A/D conversion result will be 3FFh
in 10-bit mode and FFh in 8-bit mode.
2. When 2.7 V
≤ AVCC ≤ 5.5 V, the frequency of φAD must be 10 MHz or below.
When 2.2 V
≤ AVCC < 2.7 V, the frequency of φAD must be 5 MHz or below.
Without a sample and hold function, the
φAD frequency should be 250 kHz or above.
With a sample and hold function, the
φAD frequency should be 1 MHz or above.
3. In repeat mode, only 8-bit mode can be used.
Table 18.1
Performance of A/D converter
Item
Performance
A/D conversion method
Successive approximation (with capacitive coupling amplifier)
Analog input voltage(1)
0 V to AVCC
Operating clock
φAD(2)
4.2 V
≤ AVCC ≤ 5.5 V f1, f2, f4, fOCO-F
2.2 V
≤ AVCC < 4.2 V f2, f4, fOCO-F (N, D version)
2.7 V
≤ AVCC < 4.2 V f2, f4, fOCO-F (J, K version)
Resolution
8 bits or 10 bits selectable
Absolute accuracy
AVCC = Vref = 5 V,
φAD = 10 MHz
• 8-bit resolution
±2 LSB
• 10-bit resolution ±3 LSB
AVCC = Vref = 3.3 V,
φAD = 10 MHz
• 8-bit resolution
±2 LSB
• 10-bit resolution ±5 LSB
AVCC = Vref = 2.2 V,
φAD = 5 MHz
• 8-bit resolution
±2 LSB
• 10-bit resolution ±5 LSB
Operating mode
One-shot and repeat(3)
Analog input pin
4 pins (AN8 to AN11)
A/D conversion start condition
Software trigger
Set the ADST bit in the ADCON0 register to 1 (A/D conversion starts)
Conversion rate per pin
• Without sample and hold function
8-bit resolution: 49
φAD cycles, 10-bit resolution: 59φAD cycles
• With sample and hold function
8-bit resolution: 28
φAD cycles, 10-bit resolution: 33φAD cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com