Electronic Components Datasheet Search
  English  ▼

X  

R28 Datasheet(PDF) 345 Page - Renesas Technology Corp

Part # R28
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  473 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R28 Datasheet(HTML) 345 Page - Renesas Technology Corp

Back Button R28 Datasheet HTML 341Page - Renesas Technology Corp R28 Datasheet HTML 342Page - Renesas Technology Corp R28 Datasheet HTML 343Page - Renesas Technology Corp R28 Datasheet HTML 344Page - Renesas Technology Corp R28 Datasheet HTML 345Page - Renesas Technology Corp R28 Datasheet HTML 346Page - Renesas Technology Corp R28 Datasheet HTML 347Page - Renesas Technology Corp R28 Datasheet HTML 348Page - Renesas Technology Corp R28 Datasheet HTML 349Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 345 / 473 page
background image
R8C/28 Group, R8C/29 Group
17. Hardware LIN
Rev.2.10
Sep 26, 2008
Page 326 of 441
REJ09B0279-0210
17.5
Interrupt Requests
There are four interrupt requests that are generated by the hardware LIN: Synch Break detection, Synch Break
generation completed, Synch Field measurement completed, and bus collision detection. These interrupts are
shared with timer RA.
Table 17.2 lists the Interrupt Requests of Hardware LIN.
Table 17.2
Interrupt Requests of Hardware LIN
Interrupt Request
Status Flag
Cause of Interrupt
Synch Break detection
SBDCT
Generated when timer RA has underflowed after measuring
the “L” level duration of RXD0 input, or when a “L” level is
input for a duration longer than the Synch Break period
during communication.
Synch Break generation
completed
Generated when “L” level output to TXD0 for the duration set
by timer RA completes.
Synch Field
measurement completed
SFDCT
Generated when measurement for 6 bits of the Synch Field
by timer RA is completed.
Bus collision detection
BCDCT
Generated when the RXD0 input and TXD0 output values
differed at data latch timing while UART0 is enabled for
transmission.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com