Electronic Components Datasheet Search
  English  ▼

X  

R28 Datasheet(PDF) 342 Page - Renesas Technology Corp

Part # R28
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  473 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R28 Datasheet(HTML) 342 Page - Renesas Technology Corp

Back Button R28 Datasheet HTML 338Page - Renesas Technology Corp R28 Datasheet HTML 339Page - Renesas Technology Corp R28 Datasheet HTML 340Page - Renesas Technology Corp R28 Datasheet HTML 341Page - Renesas Technology Corp R28 Datasheet HTML 342Page - Renesas Technology Corp R28 Datasheet HTML 343Page - Renesas Technology Corp R28 Datasheet HTML 344Page - Renesas Technology Corp R28 Datasheet HTML 345Page - Renesas Technology Corp R28 Datasheet HTML 346Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 342 / 473 page
background image
R8C/28 Group, R8C/29 Group
17. Hardware LIN
Rev.2.10
Sep 26, 2008
Page 323 of 441
REJ09B0279-0210
Figure 17.10
Example of Header Field Reception Flowchart (3)
Hardware LIN Read the Synch Field measurement-
completed flag
SFDCT flag in the LINST register
UART0 Set the UART0 communication rate
U0BRG register
Communication via UART0
(The SBDCT flag is set when the
timer RA counter underflows upon
reaching the terminal count.)
B
SFDCT = 1 ?
YES
UART0 Communication via UART0
Clock asynchronous serial interface (UART) mode
Transmit ID field
NO
Hardware LIN measures the Synch
Field.
The interrupt of timer RA may be
used (the SBDCT flag is set when
the timer RA counter underflows
upon reaching the terminal count).
When the SBE bit in the LINCR
register is set to 1 (unmasked after
Synch Field measurement is
completed), timer RA may be used
in timer mode after the SFDCT bit
in the LINST register is set to 1.
Set a communication rate based on
the Synch Field measurement
result.
YES
Timer RA Set the Synch Break width again
TRAPRE register
TRA register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com