Electronic Components Datasheet Search
  English  ▼

X  

R28 Datasheet(PDF) 344 Page - Renesas Technology Corp

Part # R28
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  473 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R28 Datasheet(HTML) 344 Page - Renesas Technology Corp

Back Button R28 Datasheet HTML 340Page - Renesas Technology Corp R28 Datasheet HTML 341Page - Renesas Technology Corp R28 Datasheet HTML 342Page - Renesas Technology Corp R28 Datasheet HTML 343Page - Renesas Technology Corp R28 Datasheet HTML 344Page - Renesas Technology Corp R28 Datasheet HTML 345Page - Renesas Technology Corp R28 Datasheet HTML 346Page - Renesas Technology Corp R28 Datasheet HTML 347Page - Renesas Technology Corp R28 Datasheet HTML 348Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 344 / 473 page
background image
R8C/28 Group, R8C/29 Group
17. Hardware LIN
Rev.2.10
Sep 26, 2008
Page 325 of 441
REJ09B0279-0210
17.4.4
Hardware LIN End Processing
Figure 17.12 shows an Example of Hardware LIN Communication Completion Flowchart.
Use the following timing for hardware LIN end processing:
• If the hardware bus collision detection function is used
Perform hardware LIN end processing after checksum transmission completes.
• If the bus collision detection function is not used
Perform hardware LIN end processing after header field transmission and reception complete.
Figure 17.12
Example of Hardware LIN Communication Completion Flowchart
Hardware LIN
Clear the status flags
(Bus collision detection, Synch Break
detection, Synch Field measurement)
Bits B2CLR, B1CLR, B0CLR in the LINST
register
← 0
Timer RA
Read the count status flag
TCSTF flag in TRACR register
UART0 Complete transmission via UART0
When the bus collision
detection function is not used,
end processing for the UART0
transmission is not required.
TCSTF = 0 ?
YES
NO
Set the timer to stop counting.
Zero to one cycle of the timer
RA count source is required
after timer RA starts counting
before the TCSTF flag is set to
1.
After clearing hardware LIN
status flag, stop the hardware
LIN operation.
Timer RA
Set the timer to stop counting
TSTART bit in TRACR register
← 0
Hardware LIN
Set the LIN operation to stop
LINE bit in the LINCR register
← 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com