Electronic Components Datasheet Search
  English  ▼

X  

R28 Datasheet(PDF) 340 Page - Renesas Technology Corp

Part # R28
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  473 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R28 Datasheet(HTML) 340 Page - Renesas Technology Corp

Back Button R28 Datasheet HTML 336Page - Renesas Technology Corp R28 Datasheet HTML 337Page - Renesas Technology Corp R28 Datasheet HTML 338Page - Renesas Technology Corp R28 Datasheet HTML 339Page - Renesas Technology Corp R28 Datasheet HTML 340Page - Renesas Technology Corp R28 Datasheet HTML 341Page - Renesas Technology Corp R28 Datasheet HTML 342Page - Renesas Technology Corp R28 Datasheet HTML 343Page - Renesas Technology Corp R28 Datasheet HTML 344Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 340 / 473 page
background image
R8C/28 Group, R8C/29 Group
17. Hardware LIN
Rev.2.10
Sep 26, 2008
Page 321 of 441
REJ09B0279-0210
Figure 17.8
Example of Header Field Reception Flowchart (1)
Set the count source and registers
TRA and TRAPRE as appropriate
for the Synch Break period.
Select the timing at which to
unmask the RXD0 input for UART0.
If the RXD0 input is chosen to be
unmasked after detection of Synch
Break, the Synch Field signal is
also input to UART0.
A
For the hardware LIN
function, set the TIOSEL bit
in the TRAIOC register to 1.
Timer RA Set to pulse width measurement mode
Bits TMOD0 to TMOD2 in the TRAMR register
← 011b
Timer RA Set the pulse width measurement level low
TEDGSEL bit in the TRAIOC register
← 0
Timer RA Set the INT1/TRAIO pin to P1_5
TIOSEL bit in the TRAIOC register
← 1
Timer RA Set the count source (f1, f2, f8, fOCO)
Bits TCK0 to TCK2 in the TRAMR register
Timer RA Set the Synch Break width
TRAPRE register
TRA register
Hardware LIN Set the LIN operation to stop
LINE bit in the LINCR register
← 0
Hardware LIN Set to slave mode
MST bit in the LINCR register
← 0
Hardware LIN Set the RXD0 input unmasking timing
(After Synch Break detection, or after Synch
Field measurement)
SBE bit in the LINCR register
Hardware LIN Set the register to enable interrupts
(Bus collision detection, Synch Break detection,
Synch Field measurement)
Bits BCIE, SBIE, SFIE in the LINCR register
Hardware LIN Set the LIN operation to start
LINE bit in the LINCR register
← 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com