Electronic Components Datasheet Search
  English  ▼

X  

R28 Datasheet(PDF) 336 Page - Renesas Technology Corp

Part # R28
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  473 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R28 Datasheet(HTML) 336 Page - Renesas Technology Corp

Back Button R28 Datasheet HTML 332Page - Renesas Technology Corp R28 Datasheet HTML 333Page - Renesas Technology Corp R28 Datasheet HTML 334Page - Renesas Technology Corp R28 Datasheet HTML 335Page - Renesas Technology Corp R28 Datasheet HTML 336Page - Renesas Technology Corp R28 Datasheet HTML 337Page - Renesas Technology Corp R28 Datasheet HTML 338Page - Renesas Technology Corp R28 Datasheet HTML 339Page - Renesas Technology Corp R28 Datasheet HTML 340Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 336 / 473 page
background image
R8C/28 Group, R8C/29 Group
17. Hardware LIN
Rev.2.10
Sep 26, 2008
Page 317 of 441
REJ09B0279-0210
17.4
Functional Description
17.4.1
Master Mode
Figure 17.4 shows typical operation of the hardware LIN when transmitting a header field in master mode.
Figures 17.5 and 17.6 show an Example of Header Field Transmission Flowchart.
When transmitting a header field, the hardware LIN operates as described below.
(1) When the TSTART bit in the TRACR register for timer RA is set by writing 1 in software, the hardware
LIN outputs “L” level from the TXD0 pin for the period that is set in registers TRAPRE and TRA for
timer RA.
(2) When timer RA underflows upon reaching the terminal count, the hardware LIN reverses the output of
the TXD0 pin and sets the SBDCT flag in the LINST register to 1. Furthermore, if the SBIE bit in the
LINCR register is set to 1, it generates a timer RA interrupt.
(3) The hardware LIN transmits 55h via UART0.
(4) The hardware LIN transmits an ID field via UART0 after it finishes sending 55h.
(5) The hardware LIN performs communication for a response field after it finishes sending the ID field.
Figure 17.4
Typical Operation when Sending a Header Field
TXD0 pin
Synch Break
1
0
SBDCT flag in the
LINST register
1
0
IR bit in the TRAIC
register
1
0
Synch Field
IDENTIFIER
(1)
(2)
(3)
(4)
(5)
Set by writing 1 to the
B1CLR bit in the LINST
register
Cleared to 0 upon
acceptance of interrupt
request or by a program
Shown above is the case where
LINE = 1, MST = 1, SBIE = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com