Electronic Components Datasheet Search
  English  ▼

X  

R28 Datasheet(PDF) 335 Page - Renesas Technology Corp

Part # R28
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  473 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R28 Datasheet(HTML) 335 Page - Renesas Technology Corp

Back Button R28 Datasheet HTML 331Page - Renesas Technology Corp R28 Datasheet HTML 332Page - Renesas Technology Corp R28 Datasheet HTML 333Page - Renesas Technology Corp R28 Datasheet HTML 334Page - Renesas Technology Corp R28 Datasheet HTML 335Page - Renesas Technology Corp R28 Datasheet HTML 336Page - Renesas Technology Corp R28 Datasheet HTML 337Page - Renesas Technology Corp R28 Datasheet HTML 338Page - Renesas Technology Corp R28 Datasheet HTML 339Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 335 / 473 page
background image
R8C/28 Group, R8C/29 Group
17. Hardware LIN
Rev.2.10
Sep 26, 2008
Page 316 of 441
REJ09B0279-0210
Figure 17.3
LINST Register
LIN Status Register
Symbol
Address
After Reset
LINST
0107h
00h
Bit Symbol
Bit Name
Function
RW
—
(b7-b6)
—
1 show s Synch Field measurement completed.
SFDCT
Synch Field measurement-
completed flag
RO
RW
RW
RW
RO
b3 b2 b1 b0
b7 b6 b5 b4
RO
SBDCT bit clear bit
BCDCT bit clear bit
1 show s Synch Break detected or Synch Break
generation completed.
1 show s Bus collision detected.
When this bit is set to 1, the SFDCT bit is set to 0.
When read, the content is 0.
When this bit is set to 1, the SBDCT bit is set to 0.
When read, the content is 0.
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
B2CLR
SBDCT
BCDCT
B0CLR
B1CLR
When this bit is set to 1, the BCDCT bit is set to 0.
When read, the content is 0.
Synch Break detection flag
Bus collision detection flag
SFDCT bit clear bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com