Electronic Components Datasheet Search
  English  ▼

X  

R28 Datasheet(PDF) 341 Page - Renesas Technology Corp

Part # R28
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  473 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R28 Datasheet(HTML) 341 Page - Renesas Technology Corp

Back Button R28 Datasheet HTML 337Page - Renesas Technology Corp R28 Datasheet HTML 338Page - Renesas Technology Corp R28 Datasheet HTML 339Page - Renesas Technology Corp R28 Datasheet HTML 340Page - Renesas Technology Corp R28 Datasheet HTML 341Page - Renesas Technology Corp R28 Datasheet HTML 342Page - Renesas Technology Corp R28 Datasheet HTML 343Page - Renesas Technology Corp R28 Datasheet HTML 344Page - Renesas Technology Corp R28 Datasheet HTML 345Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 341 / 473 page
background image
R8C/28 Group, R8C/29 Group
17. Hardware LIN
Rev.2.10
Sep 26, 2008
Page 322 of 441
REJ09B0279-0210
Figure 17.9
Example of Header Field Reception Flowchart (2)
Timer RA Set to start a pulse width measurement
TSTART bit in the TRACR register
← 1
Timer RA Read the count status flag
TCSTF flag in the TRACR register
Hardware LIN Set to start Synch Break detection
LSTART bit in the LINCR register
← 1
Hardware LIN Read the RXD0 input status flag
RXDSF flag in the LINCR register
A
TCSTF = 1 ?
YES
RXDSF = 1 ?
YES
NO
NO
Timer RA waits until the timer starts
counting.
Hardware LIN Clear the status flags
(Bus collision detection, Synch Break
detection, Synch Field measurement)
Bits B2CLR, B1CLR, B0CLR in the LINST
register
← 1
Hardware LIN Read the Synch Break detection flag
SBDCT flag in the LINST register
SBDCT = 1 ?
YES
NO
B
Hardware LIN detects a Synch Break.
The interrupt of the timer RA may be
used.
When Synch Break is detected, timer
RA is reloaded with the initially set count
value.
Even if the duration of the input “L” level
is shorter than the set period, timer RA
is reloaded with the initially set count
value and waits until the next “L” level is
input.
One to two cycles of the CPU clock are
required after Synch Break detection
before the SBDCT flag is set to 1.
When the SBE bit in the LINCR register
is set to 0 (unmasked after Synch Break
is detected), timer RA can be used in
timer mode after the SBDCT flag in the
LINST register is set to 1 and the
RXDSF flag is set to 0.
Hardware LIN waits until the RXD0
input for UART0 is masked.
Do not apply “L” level to the RXD pin
until the RXDSF flag reads 1 after
writing 1 to the LSTART bit. This is
because the signal applied during this
time is input directly to UART0.
One to two cycles of the CPU clock and
zero to one cycle of the timer RA count
source are required after the LSTART
bit is set to 1 before the RXDSF flag is
set to 1. After this, input to timer RA and
UART0 is enabled.
Zero to one cycle of the timer RA count
source is required after timer RA starts
counting before the TCSTF flag is set
to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com