Electronic Components Datasheet Search
  English  ▼

X  

R28 Datasheet(PDF) 205 Page - Renesas Technology Corp

Part # R28
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  473 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R28 Datasheet(HTML) 205 Page - Renesas Technology Corp

Back Button R28 Datasheet HTML 201Page - Renesas Technology Corp R28 Datasheet HTML 202Page - Renesas Technology Corp R28 Datasheet HTML 203Page - Renesas Technology Corp R28 Datasheet HTML 204Page - Renesas Technology Corp R28 Datasheet HTML 205Page - Renesas Technology Corp R28 Datasheet HTML 206Page - Renesas Technology Corp R28 Datasheet HTML 207Page - Renesas Technology Corp R28 Datasheet HTML 208Page - Renesas Technology Corp R28 Datasheet HTML 209Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 473 page
background image
R8C/28 Group, R8C/29 Group
14. Timers
Rev.2.10
Sep 26, 2008
Page 186 of 441
REJ09B0279-0210
14.3.3.2
Buffer Operation
Bits BFC and BFD in the TRCMR register are used to select the TRCGRC or TRCGRD register as the buffer
register for the TRCGRA or TRCGRB register.
• Buffer register for TRCGRA register: TRCGRC register
• Buffer register for TRCGRB register: TRCGRD register
Buffer operation differs depending on the mode.
Table 14.15 lists the Buffer Operation in Each Mode, Figure 14.38 shows the Buffer Operation for Input
Capture Function, and Figure 14.39 shows the Buffer Operation for Output Compare Function.
Figure 14.38
Buffer Operation for Input Capture Function
Table 14.15
Buffer Operation in Each Mode
Function, Mode
Transfer Timing
Transfer Destination Register
Input capture function
Input capture signal input
Contents of TRCGRA (TRCGRB)
register are transferred to buffer
register
Output compare function Compare match between TRC
register and TRCGRA (TRCGRB)
register
Contents of buffer register are
transferred to TRCGRA (TRCGRB)
register
PWM mode
PWM2 mode
• Compare match between TRC
register and TRCGRA register
• TRCTRG pin trigger input
Contents of buffer register (TRCGRD)
are transferred to TRCGRB register
m
Transfer
n
n-1
n+1
TRCIOA input
TRC register
The above applies under the following conditions:
• The BFC bit in the TRCMR register is set to 1 (the TRCGRC register functions as the buffer register for the TRCGRA register).
• Bits IOA2 to IOA0 in the TRCIOR0 register are set to 100b (input capture at the rising edge).
m
Transfer
n
TRCGRC
register
TRCGRA
register
TRC
TRCIOA input
(input capture signal)
TRCGRA register
TRCGRC register
(buffer)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com