| Electronic Components Datasheet Search |
|
R28 Datasheet(PDF) 206 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R28 Datasheet(HTML) 206 Page - Renesas Technology Corp |
|
206 / 473 page ![]() R8C/28 Group, R8C/29 Group 14. Timers Rev.2.10 Sep 26, 2008 Page 187 of 441 REJ09B0279-0210 Figure 14.39 Buffer Operation for Output Compare Function Make the following settings in timer mode. • To use the TRCGRC register as the buffer register for the TRCGRA register: Set the IOC2 bit in the TRCIOR1 register to the same value as the IOA2 bit in the TRCIOR0 register. • To use the TRCGRD register as the buffer register for the TRCGRB register: Set the IOD2 bit in the TRCIOR1 register to the same value as the IOB2 bit in the TRCIOR0 register. The output compare function, PWM mode, or PWM2 mode, and the TRCGRC or TRCGRD register is functioning as a buffer register, the IMFC bit or IMFD bit in the TRCSR register is set to 1 when a compare match with the TRC register occurs. The input capture function and the TRCGRC register or TRCGRD register is functioning as a buffer register, the IMFC bit or IMFD bit in the TRCSR register is set to 1 at the input edge of a signal input to the TRCIOC pin or TRCIOD pin. mn TRCGRA register m-1 m+1 TRC register The above applies under the following conditions: • The BFC bit in the TRCMR register is set to 1 (the TRCGRC register functions as the buffer register for the TRCGRA register). • Bits IOA2 to IOA0 in the TRCIOR0 register are set to 001b (“L” output at compare match). n Transfer TRCGRC register (buffer) m TRCIOA output TRCGRC register TRCGRA register Comparator TRC Compare match signal |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |