Electronic Components Datasheet Search
  English  ▼

X  

R28 Datasheet(PDF) 269 Page - Renesas Technology Corp

Part # R28
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  473 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R28 Datasheet(HTML) 269 Page - Renesas Technology Corp

Back Button R28 Datasheet HTML 265Page - Renesas Technology Corp R28 Datasheet HTML 266Page - Renesas Technology Corp R28 Datasheet HTML 267Page - Renesas Technology Corp R28 Datasheet HTML 268Page - Renesas Technology Corp R28 Datasheet HTML 269Page - Renesas Technology Corp R28 Datasheet HTML 270Page - Renesas Technology Corp R28 Datasheet HTML 271Page - Renesas Technology Corp R28 Datasheet HTML 272Page - Renesas Technology Corp R28 Datasheet HTML 273Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 473 page
background image
R8C/28 Group, R8C/29 Group
16. Clock Synchronous Serial Interface
Rev.2.10
Sep 26, 2008
Page 250 of 441
REJ09B0279-0210
16.2
Clock Synchronous Serial I/O with Chip Select (SSU)
Clock synchronous serial I/O with chip select supports clock synchronous serial data communication.
Table 16.2 lists the Specifications of Clock Synchronous Serial I/O with Chip Select and Figure 16.1 shows a
Block Diagram of Clock Synchronous Serial I/O with Chip Select. Figures 16.2 to 16.9 show the registers
associated with clock synchronous serial I/O with chip select.
NOTE:
1. Clock synchronous serial I/O with chip select has only one interrupt vector table.
Table 16.2
Specifications of Clock Synchronous Serial I/O with Chip Select
Item
Specification
Transfer data format
• Transfer data length: 8 bits
Continuous transmission and reception of serial data are supported since both
transmitter and receiver have buffer structures.
Operating modes
• Clock synchronous communication mode
• 4-wire bus communication mode (including bidirectional communication)
Master/slave device
Selectable
I/O pins
SSCK (I/O): Clock I/O pin
SSI (I/O): Data I/O pin
SSO (I/O): Data I/O pin
SCS (I/O): Chip-select I/O pin
Transfer clocks
• When the MSS bit in the SSCRH register is set to 0 (operates as slave device),
external clock is selected (input from SSCK pin).
• When the MSS bit in the SSCRH register is set to 1 (operates as master
device), internal clock (selectable among f1/256, f1/128, f1/64, f1/32, f1/16, f1/8
and f1/4, output from SSCK pin) is selected.
• Clock polarity and phase of SSCK can be selected.
Receive error
detection
• Overrun error
Overrun error occurs during reception and completes in error. While the RDRF
bit in the SSSR register is set to 1 (data in the SSRDR register) and when next
serial data receive is completed, the ORER bit is set to 1.
Multimaster error
detection
• Conflict error
When the SSUMS bit in the SSMR2 register is set to 1 (4-wire bus
communication mode) and the MSS bit in the SSCRH register is set to 1
(operates as master device) and when starting a serial communication, the CE
bit in the SSSR register is set to 1 if “L” applies to the SCS pin input. When the
SSUMS bit in the SSMR2 register is set to 1 (4-wire bus communication
mode), the MSS bit in the SSCRH register is set to 0 (operates as slave
device) and the SCS pin input changes state from “L” to “H”, the CE bit in the
SSSR register is set to 1.
Interrupt requests
5 interrupt requests (transmit-end, transmit-data-empty, receive-data-full,
overrun error, and conflict error).(1)
Select functions
• Data transfer direction
Selects MSB-first or LSB-first
• SSCK clock polarity
Selects “L” or “H” level when clock stops
• SSCK clock phase
Selects edge of data change and data download
• SSI pin select function
The SSISEL bit in the PMR register can select P3_3 or P1_6 as SSI pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com