Electronic Components Datasheet Search
  English  ▼

X  

R28 Datasheet(PDF) 265 Page - Renesas Technology Corp

Part # R28
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  473 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R28 Datasheet(HTML) 265 Page - Renesas Technology Corp

Back Button R28 Datasheet HTML 261Page - Renesas Technology Corp R28 Datasheet HTML 262Page - Renesas Technology Corp R28 Datasheet HTML 263Page - Renesas Technology Corp R28 Datasheet HTML 264Page - Renesas Technology Corp R28 Datasheet HTML 265Page - Renesas Technology Corp R28 Datasheet HTML 266Page - Renesas Technology Corp R28 Datasheet HTML 267Page - Renesas Technology Corp R28 Datasheet HTML 268Page - Renesas Technology Corp R28 Datasheet HTML 269Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 473 page
background image
R8C/28 Group, R8C/29 Group
15. Serial Interface
Rev.2.10
Sep 26, 2008
Page 246 of 441
REJ09B0279-0210
Figure 15.12
Receive Timing Example in UART Mode
UiBRG output
Set to 0 when interrupt request is accepted, or set by a program
• Example of receive timing when transfer data is 8 bits long (parity disabled, one stop bit)
The above timing diagram applies when the register bits are set as follows:
• PRYE bit in UiMR register = 0 (parity disabled)
• STPS bit in UiMR register = 0 (1 stop bit)
i = 0 or 1
UiC1 register
RE bit
Start bit
Stop bit
D0
D1
D7
RXDi
Transfer clock
Determined to be “L” Receive data taken in
Reception triggered when transfer clock
is generated by falling edge of start bit
Transferred from UARTi receive
register to UiRB register
UiC1 register
RI bit
SiRIC register
IR bit
1
0
1
0
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com