| Electronic Components Datasheet Search |
|
R28 Datasheet(PDF) 263 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R28 Datasheet(HTML) 263 Page - Renesas Technology Corp |
|
263 / 473 page ![]() R8C/28 Group, R8C/29 Group 15. Serial Interface Rev.2.10 Sep 26, 2008 Page 244 of 441 REJ09B0279-0210 i = 0 or 1 NOTES: 1. The bits used for transmit/receive data are as follows: Bits 0 to 6 when transfer data is 7 bits long; bits 0 to 7 when transfer data is 8 bits long; bits 0 to 8 when transfer data is 9 bits long. 2. The following bits are undefined: Bits 7 and 8 when transfer data is 7 bits long; bit 8 when transfer data is 8 bits long. Table 15.6 lists the I/O Pin Functions in UART Mode. After the UARTi (i = 0 or 1) operating mode is selected, the TXDi pin outputs “H” level. (If the NCH bit is set to 1 (N-channel open-drain output), this pin is in a high- impedance state) until transfer starts.) Table 15.5 Registers Used and Settings for UART Mode Register Bit Function UiTB 0 to 8 Set transmit data(1) UiRB 0 to 8 Receive data can be read(1, 2) OER, FER, PER, SUM Error flag UiBRG 0 to 7 Set a bit rate UiMR SMD2 to SMD0 Set to 100b when transfer data is 7 bits long. Set to 101b when transfer data is 8 bits long. Set to 110b when transfer data is 9 bits long. CKDIR Select the internal clock or external clock STPS Select the stop bit PRY, PRYE Select whether parity is included and whether odd or even UiC0 CLK0 to CLK1 Select the count source for the UiBRG register TXEPT Transmit register empty flag NCH Select TXDi pin output mode CKPOL Set to 0 UFORM LSB first or MSB first can be selected when transfer data is 8 bits long. Set to 0 when transfer data is 7 or 9 bits long. UiC1 TE Set to 1 to enable transmit TI Transmit buffer empty flag RE Set to 1 to enable receive RI Receive complete flag UiIRS Select the source of UARTi transmit interrupt UiRRM Set to 0 Table 15.6 I/O Pin Functions in UART Mode Pin name Function Selection Method TXD0 (P1_4) Output serial data (Cannot be used as a port when performing reception only) RXD0 (P1_5) Input serial data PD1_5 bit in PD1 register = 0 (P1_5 can be used as an input port when performing transmission only) CLK0 (P1_6) Programmable I/O Port CKDIR bit in U0MR register = 0 Input transfer clock CKDIR bit in U0MR register = 1 PD1_6 bit in PD1 register = 0 TXD1 (P3_7) Output serial data Set registers PINSR1 and PMR (refer to Figure 15.7 Registers PINSR1 and PMR ) (Cannot be used as a port when performing reception only) RXD1 (either P3_7 or P4_5) Input serial data Set registers PINSR1 and PMR (refer to Figure 15.7 Registers PINSR1 and PMR ) Corresponding bit in each port direction register = 0 (Can be used as an input port when performing transmission only) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |