Electronic Components Datasheet Search
  English  ▼

X  

R28 Datasheet(PDF) 266 Page - Renesas Technology Corp

Part # R28
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  473 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R28 Datasheet(HTML) 266 Page - Renesas Technology Corp

Back Button R28 Datasheet HTML 262Page - Renesas Technology Corp R28 Datasheet HTML 263Page - Renesas Technology Corp R28 Datasheet HTML 264Page - Renesas Technology Corp R28 Datasheet HTML 265Page - Renesas Technology Corp R28 Datasheet HTML 266Page - Renesas Technology Corp R28 Datasheet HTML 267Page - Renesas Technology Corp R28 Datasheet HTML 268Page - Renesas Technology Corp R28 Datasheet HTML 269Page - Renesas Technology Corp R28 Datasheet HTML 270Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 473 page
background image
R8C/28 Group, R8C/29 Group
15. Serial Interface
Rev.2.10
Sep 26, 2008
Page 247 of 441
REJ09B0279-0210
15.2.1
Bit Rate
In UART mode, the bit rate is the frequency divided by the UiBRG (i = 0 or 1) register.
Figure 15.13
Calculation Formula of UiBRG (i = 0 or 1) Register Setting Value
i = 0 or 1
NOTE:
1. For the high-speed on-chip oscillator, the correction value in the FRA7 register should be written into the FRA1
register (for N, D version only).
This applies when the high-speed on-chip oscillator is selected as the system clock and bits FRA22 to FRA20 in
the FRA2 register are set to 000b (divide-by-2 mode). For the precision of the high-speed on-chip oscillator,
refer to 20. Electrical Characteristics.
Table 15.7
Bit Rate Setting Example in UART Mode (Internal Clock Selected)
Bit Rate
(bps)
UiBRG
Count
Source
System Clock = 20 MHz
System Clock = 18.432 MHz(1)
System Clock = 8 MHz
UiBRG
Setting
Value
Actual Time
(bps)
Setting
Error
(%)
UiBRG
Setting
Value
Actual Time
(bps)
Setting
Error
(%)
UiBRG
Setting
Value
Actual
Time
(bps)
Setting
Error
(%)
1200
f8
129 (81h)
1201.92
0.16 119 (77h)
1200.00
0.00
51 (33h)
1201.92
0.16
2400
f8
64 (40h)
2403.85
0.16
59 (3Bh)
2400.00
0.00
25 (19h)
2403.85
0.16
4800
f8
32 (20h)
4734.85
-1.36
29 (1Dh)
4800.00
0.00
12 (0Ch)
4807.69
0.16
9600
f1
129 (81h)
9615.38
0.16 119 (77h)
9600.00
0.00
51 (33h)
9615.38
0.16
14400
f1
86 (56h)
14367.82
-0.22
79 (4Fh)
14400.00
0.00
34 (22h) 14285.71
-0.79
19200
f1
64 (40h)
19230.77
0.16
59 (3Bh)
19200.00
0.00
25 (19h) 19230.77
0.16
28800
f1
42 (2Ah)
29069.77
0.94
39 (27h)
28800.00
0.00
16 (10h) 29411.76
2.12
38400
f1
32 (20h)
37878.79
-1.36
29 (1Dh)
38400.00
0.00
12 (0Ch) 38461.54
0.16
57600
f1
21 (15h)
56818.18
-1.36
19 (13h)
57600.00
0.00
8 (08h) 55555.56
-3.55
115200
f1
10 (0Ah)
113636.36
-1.36
9 (09h)
115200.00
0.00
−−
−
UART mode
• Internal clock selected
UiBRG register setting value =
fj
Bit Rate
× 16
- 1
Fj: Count source frequency of the UiBRG register (f1, f8, or f32)
• External clock selected
fEXT
Bit Rate
× 16
- 1
fEXT: Count source frequency of the UiBRG register (external clock)
UiBRG register setting value =
i = 0 or 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com