| Electronic Components Datasheet Search |
|
R28 Datasheet(PDF) 264 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R28 Datasheet(HTML) 264 Page - Renesas Technology Corp |
|
264 / 473 page ![]() R8C/28 Group, R8C/29 Group 15. Serial Interface Rev.2.10 Sep 26, 2008 Page 245 of 441 REJ09B0279-0210 Figure 15.11 Transmit Timing in UART Mode D0 TC D1 D2 D3 D4 D5 D6 D7 P SP ST D0 D1 D2 D3 D4 D5 D6 D7 P SP ST D0 D1 ST D0 TC D1 D2 D3 D4 D5 D6 D7 D8 SP SP ST D0 D1 D2 D3 D4 D5 D6 D7 D8 SP SP ST D0 D1 ST Transfer clock TE bit in UiC1 register TXDi Set to 0 when interrupt request is acknowledged, or set by a program • Transmit timing when transfer data is 8 bits long (parity enabled, 1 stop bit) Write data to UiTB register TC=16 (n + 1) / fj or 16 (n + 1) / fEXT fj: Frequency of UiBRG count source (f1, f8, f32) fEXT: Frequency of UiBRG count source (external clock) n: Setting value to UiBRG register i = 0 or 1 The above timing diagram applies under the following conditions: • PRYE bit in UiMR register = 1 (parity enabled) • STPS bit in UiMR register = 0 (1 stop bit) • UiIRS bit in UiC1 register = 1 (an interrupt request is generated when transmit completes) Start bit Parity bit Stop pulsing because the TE bit is set to 0 TXDi Write data to UiTB register Transfer from UiTB register to UARTi transmit register TI bit in UiC1 register 1 0 1 0 1 0 1 0 TXEPT bit in UiC0 register IR bit SiTIC register Stop bit • Transmit timing when transfer data is 9 bits long (parity disabled, 2 stop bits) 1 0 Stop bit Stop bit Start bit Transfer clock TE bit in UiC1 register TI bit in UiC1 register TXEPT bit in UiC0 register IR bit in SiTIC register 1 0 1 0 1 0 Transfer from UiTB register to UARTi transmit register TC=16 (n + 1) / fj or 16 (n + 1) / fEXT fj: Frequency of UiBRG count source (f1, f8, f32) fEXT: Frequency of UiBRG count source (external clock) n: Setting value to UiBRG register i = 0 or 1 Set to 0 when interrupt request is acknowledged, or set by a program The above timing diagram applies under the following conditions: • PRYE bit in UiMR register = 0 (parity disabled) • STPS bit in UiMR register = 1 (2 stop bits) • UiIRS bit in UiC1 register = 0 (an interrupt request is generated when transmit buffer is empty) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |