Electronic Components Datasheet Search
  English  ▼

X  

R28 Datasheet(PDF) 277 Page - Renesas Technology Corp

Part # R28
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  473 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R28 Datasheet(HTML) 277 Page - Renesas Technology Corp

Back Button R28 Datasheet HTML 273Page - Renesas Technology Corp R28 Datasheet HTML 274Page - Renesas Technology Corp R28 Datasheet HTML 275Page - Renesas Technology Corp R28 Datasheet HTML 276Page - Renesas Technology Corp R28 Datasheet HTML 277Page - Renesas Technology Corp R28 Datasheet HTML 278Page - Renesas Technology Corp R28 Datasheet HTML 279Page - Renesas Technology Corp R28 Datasheet HTML 280Page - Renesas Technology Corp R28 Datasheet HTML 281Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 277 / 473 page
background image
R8C/28 Group, R8C/29 Group
16. Clock Synchronous Serial Interface
Rev.2.10
Sep 26, 2008
Page 258 of 441
REJ09B0279-0210
Figure 16.8
Registers SSTDR and SSRDR
SS Transmit Data Register
Symbol
Address
After Reset
SSTDR
00BEh
FFh
RW
b4
b2
RW
b1
Function
Store the transmit data.
The stored transmit data is transferred to the SSTRSR register and transmission is started
w hen it is detected that the SSTRSR register is empty.
When the next transmit data is w ritten to the SSTDR register during the data transmission from
the SSTRSR register, the data can be transmitted continuously.
When the MLS bit in the SSMR register is set to 1 (transfer data w ith LSB-first), the data in
w hich MSB and LSB are reversed is read, after w riting to the SSTDR register.
b0
b3
b7 b6 b5
SS Receive Data Register
Symbol
Address
After Reset
SSRDR
00BFh
FFh
RW
NOTE:
1. The SSRDR register retains the data received before an overrun error occurs (ORER bit in the SSSR register set to 1
(overrun error)). When an overrun error occurs, the receive data may contain errors and therefore should be
discarded.
Store the receive data.(1)
The receive data is transferred to the SSRDR register and the receive operation is completed
w hen 1 byte of data has been received by the SSTRSR register. At this time, the next receive
operation is possible. Continuous reception is possible using registers SSTRSR and SSRDR.
RO
Function
b3 b2 b1 b0
b7 b6 b5 b4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com