Electronic Components Datasheet Search
  English  ▼

X  

R28 Datasheet(PDF) 279 Page - Renesas Technology Corp

Part # R28
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  473 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R28 Datasheet(HTML) 279 Page - Renesas Technology Corp

Back Button R28 Datasheet HTML 275Page - Renesas Technology Corp R28 Datasheet HTML 276Page - Renesas Technology Corp R28 Datasheet HTML 277Page - Renesas Technology Corp R28 Datasheet HTML 278Page - Renesas Technology Corp R28 Datasheet HTML 279Page - Renesas Technology Corp R28 Datasheet HTML 280Page - Renesas Technology Corp R28 Datasheet HTML 281Page - Renesas Technology Corp R28 Datasheet HTML 282Page - Renesas Technology Corp R28 Datasheet HTML 283Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 279 / 473 page
background image
R8C/28 Group, R8C/29 Group
16. Clock Synchronous Serial Interface
Rev.2.10
Sep 26, 2008
Page 260 of 441
REJ09B0279-0210
16.2.1
Transfer Clock
The transfer clock can be selected from among seven internal clocks (f1/256, f1/128, f1/64, f1/32, f1/16, f1/8,
and f1/4) and an external clock.
When using clock synchronous serial I/O with chip select, set the SCKS bit in the SSMR2 register to 1 and
select the SSCK pin as the serial clock pin.
When the MSS bit in the SSCRH register is set to 1 (operates as master device), an internal clock can be
selected and the SSCK pin functions as output. When transfer is started, the SSCK pin outputs clocks of the
transfer rate selected by bits CKS0 to CKS2 in the SSCRH register.
When the MSS bit in the SSCRH register is set to 0 (operates as slave device), an external clock can be selected
and the SSCK pin functions as input.
16.2.1.1
Association between Transfer Clock Polarity, Phase, and Data
The association between the transfer clock polarity, phase and data changes according to the combination of the
SSUMS bit in the SSMR2 register and bits CPHS and CPOS in the SSMR register.
Figure 16.10 shows the Association between Transfer Clock Polarity, Phase, and Transfer Data.
Also, the MSB-first transfer or LSB-first transfer can be selected by setting the MLS bit in the SSMR register.
When the MLS bit is set to 1, transfer is started from the LSB and proceeds to the MSB. When the MLS bit is
set to 0, transfer is started from the MSB and proceeds to the LSB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com