Electronic Components Datasheet Search
  English  ▼

X  

R28 Datasheet(PDF) 283 Page - Renesas Technology Corp

Part # R28
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  473 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R28 Datasheet(HTML) 283 Page - Renesas Technology Corp

Back Button R28 Datasheet HTML 279Page - Renesas Technology Corp R28 Datasheet HTML 280Page - Renesas Technology Corp R28 Datasheet HTML 281Page - Renesas Technology Corp R28 Datasheet HTML 282Page - Renesas Technology Corp R28 Datasheet HTML 283Page - Renesas Technology Corp R28 Datasheet HTML 284Page - Renesas Technology Corp R28 Datasheet HTML 285Page - Renesas Technology Corp R28 Datasheet HTML 286Page - Renesas Technology Corp R28 Datasheet HTML 287Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 473 page
background image
R8C/28 Group, R8C/29 Group
16. Clock Synchronous Serial Interface
Rev.2.10
Sep 26, 2008
Page 264 of 441
REJ09B0279-0210
16.2.4
Communication Modes and Pin Functions
Clock synchronous serial I/O with chip select switches the functions of the I/O pins in each communication
mode according to the setting of the MSS bit in the SSCRH register and bits RE and TE in the SSER register.
Table 16.4 shows the Association between Communication Modes and I/O Pins.
NOTES:
1. This pin can be used as a programmable I/O port.
2. Do not set both bits TE and RE to 1 in 4-wire bus (bidirectional) communication mode.
SSUMS and BIDE: Bits in SSMR2 register
MSS: Bit in SSCRH register
TE and RE: Bits in SSER register
Table 16.4
Association between Communication Modes and I/O Pins
Communication Mode
Bit Setting
Pin State
SSUMS
BIDE
MSS
TE
RE
SSI
SSO
SSCK
Clock synchronous
communication mode
0
Disabled
001Input
−(1)
Input
10
−(1)
Output
Input
1
Input
Output
Input
101Input
−(1)
Output
10
−(1)
Output
Output
1
Input
Output
Output
4-wire bus
communication mode
1
0
001
−(1)
Input
Input
1
0
Output
−(1)
Input
1
Output
Input
Input
101Input
−(1)
Output
10
−(1)
Output
Output
1
Input
Output
Output
4-wire bus
(bidirectional)
communication mode(2)
1
1
001
−(1)
Input
Input
10
−(1)
Output
Input
101
−(1)
Input
Output
10
−(1)
Output
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com