Electronic Components Datasheet Search
  English  ▼

X  

R28 Datasheet(PDF) 287 Page - Renesas Technology Corp

Part # R28
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  473 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R28 Datasheet(HTML) 287 Page - Renesas Technology Corp

Back Button R28 Datasheet HTML 283Page - Renesas Technology Corp R28 Datasheet HTML 284Page - Renesas Technology Corp R28 Datasheet HTML 285Page - Renesas Technology Corp R28 Datasheet HTML 286Page - Renesas Technology Corp R28 Datasheet HTML 287Page - Renesas Technology Corp R28 Datasheet HTML 288Page - Renesas Technology Corp R28 Datasheet HTML 289Page - Renesas Technology Corp R28 Datasheet HTML 290Page - Renesas Technology Corp R28 Datasheet HTML 291Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 473 page
background image
R8C/28 Group, R8C/29 Group
16. Clock Synchronous Serial Interface
Rev.2.10
Sep 26, 2008
Page 268 of 441
REJ09B0279-0210
16.2.5.3
Data Reception
Figure 16.15 shows an Example of Clock Synchronous Serial I/O with Chip Select Operation for Data
Reception (Clock Synchronous Communication Mode).
During data reception, clock synchronous serial I/O with chip select operates as described below. When clock
synchronous serial I/O with chip select is set as the master device, it outputs a synchronous clock and inputs
data. When clock synchronous serial I/O with chip select is set as a slave device, it inputs data synchronized
with the input clock.
When clock synchronous serial I/O with chip select is set as a master device, it outputs a receive clock and starts
receiving by performing dummy read of the SSRDR register.
After 8 bits of data are received, the RDRF bit in the SSSR register is set to 1 (data in the SSRDR register) and
receive data is stored in the SSRDR register. When the RIE bit in the SSER register is set to 1 (RXI and OEI
interrupt requests enabled), the RXI interrupt request is generated. If the SSDR register is read, the RDRF bit is
automatically set to 0 (no data in the SSRDR register).
Read the receive data after setting the RSSTP bit in the SSCRH register to 1 (after receiving 1 byte of data, the
receive operation is completed). Clock synchronous serial I/O with chip select outputs a clock for receiving 8
bits of data and stops. After that, set the RE bit in the SSER register to 0 (receive disabled) and the RSSTP bit to
0 (receive operation is continued after receiving the 1 byte of data) and read the receive data. If the SSRDR
register is read while the RE bit is set to 1 (receive enabled), a receive clock is output again.
When the 8th clock rises while the RDRF bit is set to 1, the ORER bit in the SSSR register is set to 1 (overrun
error: OEI) and the operation is stopped. When the ORER bit is set to 1, receive cannot be performed. Confirm
that the ORER bit is set to 0 before restarting receive.
Figure 16.16 shows a Sample Flowchart of Data Reception (MSS = 1) (Clock Synchronous Communication
Mode).
Figure 16.15
Example of Clock Synchronous Serial I/O with Chip Select Operation for Data
Reception (Clock Synchronous Communication Mode)
SSCK
b0
SSI
• SSUMS = 0 (clock synchronous communication mode), CPHS = 0 (data download at
even edges), and CPOS bit = 0 (“H” when clock stops)
b0
b7
1 frame
RDRF bit in
SSSR register
0
1
RSSTP bit in
SSCRH register
0
1
Dummy read in
SSRDR register
Processing
by program
RXI interrupt request
generation
b0
b7
b7
1 frame
RXI interrupt request
generation
Read data in SSRDR
register
Read data in
SSRDR register
Set RSSTP bit to 1
RXI interrupt request
generation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com