Electronic Components Datasheet Search
  English  ▼

X  

R28 Datasheet(PDF) 286 Page - Renesas Technology Corp

Part # R28
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  473 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R28 Datasheet(HTML) 286 Page - Renesas Technology Corp

Back Button R28 Datasheet HTML 282Page - Renesas Technology Corp R28 Datasheet HTML 283Page - Renesas Technology Corp R28 Datasheet HTML 284Page - Renesas Technology Corp R28 Datasheet HTML 285Page - Renesas Technology Corp R28 Datasheet HTML 286Page - Renesas Technology Corp R28 Datasheet HTML 287Page - Renesas Technology Corp R28 Datasheet HTML 288Page - Renesas Technology Corp R28 Datasheet HTML 289Page - Renesas Technology Corp R28 Datasheet HTML 290Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 286 / 473 page
background image
R8C/28 Group, R8C/29 Group
16. Clock Synchronous Serial Interface
Rev.2.10
Sep 26, 2008
Page 267 of 441
REJ09B0279-0210
Figure 16.14
Sample Flowchart of Data Transmission (Clock Synchronous Communication Mode)
Start
Initialization
Read TDRE bit in SSSR register
SSSR register
TEND bit
← 0(1)
End
TDRE = 1 ?
Write transmit data to SSTDR register
Data
transmission
continues?
Read TEND bit in SSSR register
TEND = 1 ?
No
Yes
Yes
No
No
Yes
SSER register
TE bit
← 0
(1)
(2)
(3)
(1) After reading the SSSR register and confirming
that the TDRE bit is set to 1, write the transmit
data to the SSTDR register. When the transmit
data is written to the SSTDR register, the TDRE
bit is automatically set to 0.
(2) Determine whether data transmission continues.
(3) When data transmission is completed, the TEND
bit is set to 1. Set the TEND bit to 0 and the TE bit
to 0 and complete transmit mode.
NOTE:
1. Write 0 after reading 1 to set the TEND bit to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com