Electronic Components Datasheet Search
  English  ▼

X  

R28 Datasheet(PDF) 282 Page - Renesas Technology Corp

Part # R28
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  473 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R28 Datasheet(HTML) 282 Page - Renesas Technology Corp

Back Button R28 Datasheet HTML 278Page - Renesas Technology Corp R28 Datasheet HTML 279Page - Renesas Technology Corp R28 Datasheet HTML 280Page - Renesas Technology Corp R28 Datasheet HTML 281Page - Renesas Technology Corp R28 Datasheet HTML 282Page - Renesas Technology Corp R28 Datasheet HTML 283Page - Renesas Technology Corp R28 Datasheet HTML 284Page - Renesas Technology Corp R28 Datasheet HTML 285Page - Renesas Technology Corp R28 Datasheet HTML 286Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 282 / 473 page
background image
R8C/28 Group, R8C/29 Group
16. Clock Synchronous Serial Interface
Rev.2.10
Sep 26, 2008
Page 263 of 441
REJ09B0279-0210
16.2.3
Interrupt Requests
Clock synchronous serial I/O with chip select has five interrupt requests: transmit data empty, transmit end,
receive data full, overrun error, and conflict error. Since these interrupt requests are assigned to the clock
synchronous serial I/O with chip select interrupt vector table, determining interrupt sources by flags is required.
Table 16.3 shows the Clock Synchronous Serial I/O with Chip Select Interrupt Requests.
CEIE, RIE, TEIE and TIE: Bits in SSER register
ORER, RDRF, TEND and TDRE: Bits in SSSR register
If the generation conditions in Table 16.3 are met, a clock synchronous serial I/O with chip select interrupt request
is generated. Set each interrupt source to 0 by a clock synchronous serial I/O with chip select interrupt routine.
However, the TDRE and TEND bits are automatically set to 0 by writing transmit data to the SSTDR register and
the RDRF bit is automatically set to 0 by reading the SSRDR register. In particular, the TDRE bit is set to 1 (data
transmitted from registers SSTDR to SSTRSR) at the same time transmit data is written to the SSTDR register.
Setting the TDRE bit to 0 (data not transmitted from registers SSTDR to SSTRSR) can cause an additional byte of
data to be transmitted.
Table 16.3
Clock Synchronous Serial I/O with Chip Select Interrupt Requests
Interrupt Request
Abbreviation
Generation Condition
Transmit data empty
TXI
TIE = 1, TDRE = 1
Transmit end
TEI
TEIE = 1, TEND = 1
Receive data full
RXI
RIE = 1, RDRF = 1
Overrun error
OEI
RIE = 1, ORER = 1
Conflict error
CEI
CEIE = 1, CE = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com