Electronic Components Datasheet Search
  English  ▼

X  

R28 Datasheet(PDF) 288 Page - Renesas Technology Corp

Part # R28
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  473 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R28 Datasheet(HTML) 288 Page - Renesas Technology Corp

Back Button R28 Datasheet HTML 284Page - Renesas Technology Corp R28 Datasheet HTML 285Page - Renesas Technology Corp R28 Datasheet HTML 286Page - Renesas Technology Corp R28 Datasheet HTML 287Page - Renesas Technology Corp R28 Datasheet HTML 288Page - Renesas Technology Corp R28 Datasheet HTML 289Page - Renesas Technology Corp R28 Datasheet HTML 290Page - Renesas Technology Corp R28 Datasheet HTML 291Page - Renesas Technology Corp R28 Datasheet HTML 292Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 288 / 473 page
background image
R8C/28 Group, R8C/29 Group
16. Clock Synchronous Serial Interface
Rev.2.10
Sep 26, 2008
Page 269 of 441
REJ09B0279-0210
Figure 16.16
Sample Flowchart of Data Reception (MSS = 1) (Clock Synchronous Communication
Mode)
Start
Initialization
Dummy read of SSRDR register
Read receive data in SSRDR register
Read ORER bit in SSSR register
Last data
received?
Read RDRF bit in SSSR register
RDRF = 1 ?
No
Yes
Yes
No
No
Yes
(1)
(2)
(3)
(1) After setting each register in the clock synchronous
serial I/O with chip select register, a dummy read of
the SSRDR register is performed and the receive
operation is started.
(2) Determine whether it is the last 1 byte of data to be
received. If so, set to stop after the data is received.
(3) If a receive error occurs, perform error
(6) Processing after reading the ORER bit. Then set
the ORER bit to 0. Transmission/reception cannot
be restarted while the ORER bit is set to 1.
(4) Confirm that the RDRF bit is set to 1. If the RDRF
bit is set to 1, read the receive data in the SSRDR
register. When the SSRDR register is read, the
RDRF bit is automatically set to 0.
ORER = 1 ?
End
Read receive data in SSRDR register
Read ORER bit in SSSR register
Read RDRF in SSSR register
RDRF = 1 ?
No
Yes
ORER = 1 ?
SSER register
RE bit
← 0
SSCRH register
RSSTP bit
← 0
SSCRH register
RSSTP bit
← 1
Overrun
error
processing
No
Yes
(4)
(5)
(6)
(7)
(7) Confirm that the RDRF bit is set to 1. When the
receive operation is completed, set the RSSTP bit to
0 and the RE bit to 0 before reading the last 1 byte
of data. If the SSRDR register is read before setting
the RE bit to 0, the receive operation is restarted
again.
(5) Before the last 1 byte of data is received, set the
RSSTP bit to 1 and stop after the data is
received.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com