| Electronic Components Datasheet Search |
|
R28 Datasheet(PDF) 290 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R28 Datasheet(HTML) 290 Page - Renesas Technology Corp |
|
290 / 473 page ![]() R8C/28 Group, R8C/29 Group 16. Clock Synchronous Serial Interface Rev.2.10 Sep 26, 2008 Page 271 of 441 REJ09B0279-0210 Figure 16.17 Sample Flowchart of Data Transmission/Reception (Clock Synchronous Communication Mode) Start Initialization Read TDRE bit in SSSR register SSSR register TEND bit ← 0(1) End TDRE = 1 ? Write transmit data to SSTDR register Data transmission(2) continues? No Yes Yes No SSER register RE bit ← 0 TE bit ← 0 (1) (2) (3) (1) After reading the SSSR register and confirming that the TDRE bit is set to 1, write the transmit data to the SSTDR register. When the transmit data is written to the SSTDR register, the TDRE bit is automatically set to 0. (5) Set the TEND bit to 0 and bits RE and TE in (6) the SSER register to 0 before ending transmit/ receive mode. Read receive data in SSRDR register Read RDRF bit in SSSR register RDRF = 1 ? No Yes (4) (2) Confirm that the RDRF bit is set to 1. If the RDRF bit is set to 1, read the receive data in the SSRDR register. When the SSRDR register is read, the RDRF bit is automatically set to 0. (3) Determine whether the data transmission continues (5) NOTE: 1. Write 0 after reading 1 to set the TEND bit to 0. Read TEND bit in SSSR register TEND = 1 ? Yes No (6) (4) When the data transmission is completed, the TEND bit in the SSSR register is set to 1. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |