Electronic Components Datasheet Search
  English  ▼

X  

R28 Datasheet(PDF) 294 Page - Renesas Technology Corp

Part # R28
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  473 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R28 Datasheet(HTML) 294 Page - Renesas Technology Corp

Back Button R28 Datasheet HTML 290Page - Renesas Technology Corp R28 Datasheet HTML 291Page - Renesas Technology Corp R28 Datasheet HTML 292Page - Renesas Technology Corp R28 Datasheet HTML 293Page - Renesas Technology Corp R28 Datasheet HTML 294Page - Renesas Technology Corp R28 Datasheet HTML 295Page - Renesas Technology Corp R28 Datasheet HTML 296Page - Renesas Technology Corp R28 Datasheet HTML 297Page - Renesas Technology Corp R28 Datasheet HTML 298Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 294 / 473 page
background image
R8C/28 Group, R8C/29 Group
16. Clock Synchronous Serial Interface
Rev.2.10
Sep 26, 2008
Page 275 of 441
REJ09B0279-0210
Figure 16.19
Example of Clock Synchronous Serial I/O with Chip Select Operation during Data
Transmission (4-Wire Bus Communication Mode)
TDRE bit in
SSSR register
0
1
TEND bit in
SSSR register
0
1
Data write to SSTDR register
Processing
by program
SSCK
b0
SSO
• CPHS bit = 0 (data change at odd edges) and CPOS bit = 0 (“H” when clock stops)
b7
SCS
(output)
SSCK
• CPHS bit = 1 (data change at even edges) and CPOS bit = 0 (“H” when clock stops)
CPHS, CPOS: Bits in SSMR register
1 frame
TDRE bit in
SSSR register
0
1
TEND bit in
SSSR register
0
1
Data write to SSTDR register
Processing
by program
1 frame
High-impedance
b0
b7
High-impedance
SCS
(output)
TXI interrupt request
is generated
b7
b0
SSO
1 frame
1 frame
b6
b6
TXI interrupt request
is generated
TEI interrupt request is
generated
b6
b7
b0
b6
TEI interrupt request is
generated
TXI interrupt request
is generated
TXI interrupt request
is generated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com