Electronic Components Datasheet Search
  English  ▼

X  

R28 Datasheet(PDF) 297 Page - Renesas Technology Corp

Part # R28
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  473 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R28 Datasheet(HTML) 297 Page - Renesas Technology Corp

Back Button R28 Datasheet HTML 293Page - Renesas Technology Corp R28 Datasheet HTML 294Page - Renesas Technology Corp R28 Datasheet HTML 295Page - Renesas Technology Corp R28 Datasheet HTML 296Page - Renesas Technology Corp R28 Datasheet HTML 297Page - Renesas Technology Corp R28 Datasheet HTML 298Page - Renesas Technology Corp R28 Datasheet HTML 299Page - Renesas Technology Corp R28 Datasheet HTML 300Page - Renesas Technology Corp R28 Datasheet HTML 301Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 297 / 473 page
background image
R8C/28 Group, R8C/29 Group
16. Clock Synchronous Serial Interface
Rev.2.10
Sep 26, 2008
Page 278 of 441
REJ09B0279-0210
16.2.7
SCS Pin Control and Arbitration
When setting the SSUMS bit in the SSMR2 register to 1 (4-wire bus communication mode) and the CSS1 bit in
the SSMR2 register to 1 (functions as SCS output pin), set the MSS bit in the SSCRH register to 1 (operates as
the master device) and check the arbitration of the SCS pin before starting serial transfer. If clock synchronous
serial I/O with chip select detects that the synchronized internal SCS signal is held “L” in this period, the CE bit
in the SSSR register is set to 1 (conflict error) and the MSS bit is automatically set to 0 (operates as a slave
device).
Figure 16.21 shows the Arbitration Check Timing.
Future transmit operations are not performed while the CE bit is set to 1. Set the CE bit to 0 (no conflict error)
before starting transmission.
Figure 16.21
Arbitration Check Timing
Data write to
SSTDR register
Maximum time of SCS internal
synchronization
During arbitration detection
High-impedance
SCS input
Internal SCS
(synchronization)
MSS bit in
SSCRH register
Transfer start
CE
SCS output
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com