Electronic Components Datasheet Search
  English  ▼

X  

R28 Datasheet(PDF) 299 Page - Renesas Technology Corp

Part # R28
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  473 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R28 Datasheet(HTML) 299 Page - Renesas Technology Corp

Back Button R28 Datasheet HTML 295Page - Renesas Technology Corp R28 Datasheet HTML 296Page - Renesas Technology Corp R28 Datasheet HTML 297Page - Renesas Technology Corp R28 Datasheet HTML 298Page - Renesas Technology Corp R28 Datasheet HTML 299Page - Renesas Technology Corp R28 Datasheet HTML 300Page - Renesas Technology Corp R28 Datasheet HTML 301Page - Renesas Technology Corp R28 Datasheet HTML 302Page - Renesas Technology Corp R28 Datasheet HTML 303Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 299 / 473 page
background image
R8C/28 Group, R8C/29 Group
16. Clock Synchronous Serial Interface
Rev.2.10
Sep 26, 2008
Page 280 of 441
REJ09B0279-0210
16.3
I2C bus Interface
The I2C bus interface is the circuit that performs serial communication based on the data transfer format of the
Philips I2C bus.
Table 16.5 lists the Specifications of I2C bus Interface, Figure 16.22 shows a Block Diagram of I2C bus Interface,
and Figure 16.23 shows the External Circuit Connection Example of Pins SCL and SDA. Figures 16.24 to 16.30
show the registers associated with the I2C bus interface.
* I2C bus is a trademark of Koninklijke Philips Electronics N. V.
NOTE:
1. All sources use one interrupt vector for I2C bus interface.
Table 16.5
Specifications of I2C bus Interface
Item
Specification
Communication formats •I2C bus format
- Selectable as master/slave device
- Continuous transmit/receive operation (because the shift register, transmit
data register, and receive data register are independent)
- Start/stop conditions are automatically generated in master mode
- Automatic loading of acknowledge bit during transmission
- Bit synchronization/wait function (In master mode, the state of the SCL
signal is monitored per bit and the timing is synchronized automatically. If
the transfer is not possible yet, the SCL signal goes “L” and the interface
stands by.)
- Support for direct drive of pins SCL and SDA (N-channel open drain output)
• Clock synchronous serial format
- Continuous transmit/receive operation (because the shift register, transmit
data register, and receive data register are independent)
I/O pins
SCL (I/O): Serial clock I/O pin
SDA (I/O): Serial data I/O pin
Transfer clocks
• When the MST bit in the ICCR1 register is set to 0
The external clock (input from the SCL pin)
• When the MST bit in the ICCR1 register is set to 1
The internal clock selected by bits CKS0 to CKS3 in the ICCR1 register
(output from the SCL pin)
Receive error detection
• Overrun error detection (clock synchronous serial format)
Indicates an overrun error during reception. When the last bit of the next data
item is received while the RDRF bit in the ICSR register is set to 1 (data in the
ICDRR register), the AL bit is set to 1.
Interrupt sources
•I2C bus format ................................ 6 sources(1)
Transmit data empty (including when slave address matches), transmit ends,
receive data full (including when slave address matches), arbitration lost,
NACK detection, and stop condition detection.
• Clock synchronous serial format .... 4 sources(1)
Transmit data empty, transmit ends, receive data full and overrun error
Select functions
•I2C bus format
- Selectable output level for acknowledge signal during reception
• Clock synchronous serial format
- MSB-first or LSB-first selectable as data transfer direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com