Electronic Components Datasheet Search
  English  ▼

X  

R28 Datasheet(PDF) 293 Page - Renesas Technology Corp

Part # R28
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  473 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R28 Datasheet(HTML) 293 Page - Renesas Technology Corp

Back Button R28 Datasheet HTML 289Page - Renesas Technology Corp R28 Datasheet HTML 290Page - Renesas Technology Corp R28 Datasheet HTML 291Page - Renesas Technology Corp R28 Datasheet HTML 292Page - Renesas Technology Corp R28 Datasheet HTML 293Page - Renesas Technology Corp R28 Datasheet HTML 294Page - Renesas Technology Corp R28 Datasheet HTML 295Page - Renesas Technology Corp R28 Datasheet HTML 296Page - Renesas Technology Corp R28 Datasheet HTML 297Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 293 / 473 page
background image
R8C/28 Group, R8C/29 Group
16. Clock Synchronous Serial Interface
Rev.2.10
Sep 26, 2008
Page 274 of 441
REJ09B0279-0210
16.2.6.2
Data Transmission
Figure 16.19 shows an Example of Clock Synchronous Serial I/O with Chip Select Operation during Data
Transmission (4-Wire Bus Communication Mode). During the data transmit operation, clock synchronous
serial I/O with chip select operates as described below.
When the MCU is set as the master device, it outputs a synchronous clock and data. When the MCU is set as a
slave device, it outputs data in synchronization with the input clock while the SCS pin is “L”.
When the transmit data is written to the SSTDR register after setting the TE bit to 1 (transmit enabled), the
TDRE bit is automatically set to 0 (data has not been transferred from registers SSTDR to SSTRSR) and the
data is transferred from registers SSTDR to SSTRSR. After the TDRE bit is set to 1 (data is transferred from
registers SSTDR to SSTRSR), transmission starts. When the TIE bit in the SSER register is set to 1, a TXI
interrupt request is generated.
After 1 frame of data is transferred while the TDRE bit is set to 0, the data is transferred from registers SSTDR
to SSTRSR and transmission of the next frame is started. If the 8th bit is transmitted while TDRE is set to 1,
TEND in the SSSR register is set to 1 (when the last bit of the transmit data is transmitted, the TDRE bit is set
to 1) and the state is retained. If the TEIE bit in the SSER register is set to 1 (transmit-end interrupt requests
enabled), a TEI interrupt request is generated. The SSCK pin remains “H” after transmit-end and the SCS pin is
held “H”. When transmitting continuously while the SCS pin is held “L”, write the next transmit data to the
SSTDR register before transmitting the 8th bit.
Transmission cannot be performed while the ORER bit in the SSSR register is set to 1 (overrun error). Confirm
that the ORER bit is set to 0 before transmission.
In contrast to the clock synchronous communication mode, the SSO pin is placed in high-impedance state while
the SCS pin is placed in high-impedance state when operating as a master device and the SSI pin is placed in
high-impedance state while the SCS pin is placed in “H” input state when operating as a slave device.
The sample flowchart is the same as that for the clock synchronous communication mode (refer to Figure 16.14
Sample Flowchart of Data Transmission (Clock Synchronous Communication Mode)).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com