| Electronic Components Datasheet Search |
|
R29 Datasheet(PDF) 149 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R29 Datasheet(HTML) 149 Page - Renesas Technology Corp |
|
149 / 473 page ![]() R8C/28 Group, R8C/29 Group 13. Watchdog Timer Rev.2.10 Sep 26, 2008 Page 130 of 441 REJ09B0279-0210 Figure 13.2 Registers OFS and WDC Option Function Select Register (1) Symbol Address When Shipping OFS 0FFFFh FFh(3) Bit Symbol Bit Name Function RW NOTES: 1. 2. 3. 4. 5. 6. LVD0ON Voltage detection 0 circuit start bit(2, 4) 0 : Voltage monitor 0 reset enabled after hardw are reset 1 : Voltage monitor 0 reset disabled after hardw are reset RW b3 b2 b1 b0 b7 b6 b5 b4 1 WDTON RW Watchdog timer start select bit 0 : Starts w atchdog timer automatically after reset 1 : Watchdog timer is inactive after reset 1 — (b1) RW Reserved bit Set to 1. ROMCR ROM code protect disabled bit 0 : ROM code protect disabled 1 : ROMCP1 enabled RW The LVD0ON bit setting is valid only by a hardw are reset. To use the pow er-on reset, set the LVD0ON bit to 0 (voltage monitor 0 reset enabled after hardw are reset). ROMCP1 ROM code protect bit 0 : ROM code protect enabled 1 : ROM code protect disabled RW — (b4) Reserved bit Set to 1. RW The OFS register is on the flash memory. Write to the OFS register w ith a program. After w riting is completed, do not w rite additions to the OFS register. CSPROINI Count source protect mode after reset select bit 0 : Count source protect mode enabled after reset 1 : Count source protect mode disabled after reset RW LVD1ON Voltage detection 1 circuit start bit(5, 6) 0 : Voltage monitor 1 reset enabled after hardw are reset 1 : Voltage monitor 1 reset disabled after hardw are reset RW For N, D version only. For J, K version, set the LVD0ON bit to 1 (voltage monitor 0 reset disabled after hardw are reset). The LVD1ON bit setting is valid only by a hardw are reset. When the pow er-on reset function is used, set the LVD1ON bit to 0 (voltage monitor 1 reset enabled after hardw are reset). For J, K version only. For N, D version, set the LVD1ON bit to 1 (voltage monitor 1 reset disabled after hardw are reset). If the block including the OFS register is erased, FFh is set to the OFS register. Watchdog Timer Control Register Symbol Address After Reset WDC 000Fh 00X11111b Bit Symbol Bit Name Function RW Reserved bit Set to 0. When read, the content is undefined. RO WDC7 — (b6) Reserved bit Set to 0. Prescaler select bit 0 : Divide-by-16 1 : Divide-by-128 b7 b6 b5 b4 00 RW High-order bits of w atchdog timer — (b4-b0) RW — (b5) RW b3 b2 b1 b0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |