Electronic Components Datasheet Search
  English  ▼

X  

R5F36CAMDFB Datasheet(PDF) 54 Page - Renesas Technology Corp

Part # R5F36CAMDFB
Description  RENESAS MCU
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F36CAMDFB Datasheet(HTML) 54 Page - Renesas Technology Corp

Back Button R5F36CAMDFB Datasheet HTML 50Page - Renesas Technology Corp R5F36CAMDFB Datasheet HTML 51Page - Renesas Technology Corp R5F36CAMDFB Datasheet HTML 52Page - Renesas Technology Corp R5F36CAMDFB Datasheet HTML 53Page - Renesas Technology Corp R5F36CAMDFB Datasheet HTML 54Page - Renesas Technology Corp R5F36CAMDFB Datasheet HTML 55Page - Renesas Technology Corp R5F36CAMDFB Datasheet HTML 56Page - Renesas Technology Corp R5F36CAMDFB Datasheet HTML 57Page - Renesas Technology Corp R5F36CAMDFB Datasheet HTML 58Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 94 page
background image
REJ03B0277-0100 Rev.1.00 Jul.15, 2009
Page 52 of 90
M16C/6C Group
5. Electrical Characteristics
5.1.7
Voltage
Detection
Circuit
and
Power
Supply
Circuit
Electrical
Characteristics
Notes:
1.
The measurement condition is Topr = −20 to 85°C/−40 to 85°C.
2.
Select the voltage detection level with the VDSEL1 bit in the OFS1 address.
3.
Necessary time until the voltage detection circuit operates when setting to 1 again after setting the VC25 bit in the VCR2
register to 0.
4.
Necessary time until the voltage monitor 0 reset generates after passing through Vdet0.
Notes:
1.
The measurement condition is Topr = −20 to 85°C/−40 to 85°C.
2.
Necessary time until the voltage monitor 1 interrupt request generates after passing through Vdet1.
3.
Necessary time until the voltage detection circuit operates when setting to 1 again after setting the VC26 bit in the VCR2
register to 0.
Notes:
1.
The measurement condition is Topr = −20 to 85°C/−40 to 85°C.
2.
Necessary time until the voltage monitor 2 interrupt request generates after passing through Vdet2
3.
Necessary time until the voltage detection circuit operates when setting to 1 again after setting the VC27 bit in the VCR2
register to 0.
Table 5.12
Voltage Detection 0 Circuit Electrical Characteristics
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
Vdet0
Voltage detection level Vdet0_0 (2)
1.60
1.90
2.20
V
Voltage detection level Vdet0_2 (2)
2.70
2.85
3.15
V
-
Voltage detection 0 circuit response time(4)
At the falling of VCC from 5 V
to (Vdet 0_0 - 0.1)V
-
-
200
μs
-
Voltage detection circuit self power consumption
VC25 = 1, VCC1 = 5.0 V
1.5
μA
td(E-A)
Waiting time until voltage detection circuit
operation starts (3)
100
μs
Table 5.13
Voltage Detection 1 Circuit Electrical Characteristics
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
Vdet1
Voltage detection level Vdet1
When VCC is falling
2.95
3.25
3.55
V
-
Hysteresis width at the rising of VCC of Voltage
detection 1 circuit
-0.15-
V
-
Voltage detection 1 circuit response time(2)
At the falling of VCC from
5 V to (Vdet 1 - 0.1)V
-
-
200
μs
-
Voltage detection circuit self power consumption
VC26 = 1, VCC1 = 5.0 V
1.7
μA
td(E-A)
Waiting time until voltage detection circuit operation
starts (3)
100
μs
Table 5.14
Voltage Detection 2 Circuit Electrical Characteristics
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
Vdet2
Voltage detection level Vdet2
When VCC is falling
3.70
4.00
4.30
V
-
Hysteresis width at the rising of VCC in voltage detection
2 circuit
-0.15-
V
-
Voltage detection 2 circuit response time(2)
At the falling of VCC from
5 V to (Vdet 2 - 0.1)V
-
-
200
μs
-
Voltage detection circuit self power consumption
VC27 = 1, VCC1 = 5.0 V
1.7
μA
td(E-A)
Waiting time until voltage detection circuit operation
starts (2)
100
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com