Electronic Components Datasheet Search
  English  ▼

X  

R8C26 Datasheet(PDF) 56 Page - Renesas Technology Corp

Part # R8C26
Description  SINGLE-CHIP 16-BIT CMOS MCU
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C26 Datasheet(HTML) 56 Page - Renesas Technology Corp

Back Button R8C26 Datasheet HTML 52Page - Renesas Technology Corp R8C26 Datasheet HTML 53Page - Renesas Technology Corp R8C26 Datasheet HTML 54Page - Renesas Technology Corp R8C26 Datasheet HTML 55Page - Renesas Technology Corp R8C26 Datasheet HTML 56Page - Renesas Technology Corp R8C26 Datasheet HTML 57Page - Renesas Technology Corp R8C26 Datasheet HTML 58Page - Renesas Technology Corp R8C26 Datasheet HTML 59Page - Renesas Technology Corp R8C26 Datasheet HTML 60Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 75 page
background image
R8C/26 Group, R8C/27 Group
5. Electrical Characteristics
Rev.2.10
Sep 26, 2008
Page 54 of 69
REJ03B0168-0210
NOTES:
1. The measurement condition is Topr = -40 to 85
°C (J version) / -40 to 125°C (K version), unless otherwise specified.
2. This condition (the minimum value of external power VCC rise gradient) does not apply if Vpor2
≥ 1.0 V.
3. To use the power-on reset function, enable voltage monitor 1 reset by setting the LVD1ON bit in the OFS register to 0, the
VW1C0 and VW1C6 bits in the VW1C register to 1 respectively, and the VCA26 bit in the VCA2 register to 1.
4. tw(por1) indicates the duration the external power VCC must be held below the effective voltage (Vpor1) to enable a power on
reset. When turning on the power for the first time, maintain tw(por1) for 30 s or more if -20
°C ≤ Topr ≤ 125°C, maintain tw(por1) for
3,000 s or more if -40
°C ≤ Topr < -20°C.
Figure 5.22
Reset Circuit Electrical Characteristics
Table 5.41
Power-on Reset Circuit, Voltage Monitor 1 Reset Electrical Characteristics(3)
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
Vpor1
Power-on reset valid voltage(4)
−−
0.1
V
Vpor2
Power-on reset or voltage monitor 1 reset valid
voltage
0
−
Vdet1
V
trth
External power VCC rise gradient
VCC
≤ 3.6 V
20(2)
−−
mV/msec
VCC
> 3.6 V
20(2)
−
2,000
mV/msec
Vdet1(3)
Vpor1
Internal reset
signal
(“L” valid)
tw(por1)
Vdet1(3)
Vpor2
× 32
1
fOCO-S
× 32
1
fOCO-S
2.0 V
trth
trth
External
power VCC
NOTES:
1. When using the voltage monitor 1 digital filter, ensure VCC is 2.0 V or higher during the sampling time.
2. The sampling clock can be selected. Refer to 6. Voltage Detection Circuit of Hardware Manual for details.
3. Vdet1 indicates the voltage detection level of the voltage detection 1 circuit. Refer to 6. Voltage Detection
Circuit of Hardware Manual for details.
Sampling time(1, 2)
td(Vdet1-A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com