Electronic Components Datasheet Search
  English  ▼

X  

R8C26 Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # R8C26
Description  SINGLE-CHIP 16-BIT CMOS MCU
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C26 Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button R8C26 Datasheet HTML 27Page - Renesas Technology Corp R8C26 Datasheet HTML 28Page - Renesas Technology Corp R8C26 Datasheet HTML 29Page - Renesas Technology Corp R8C26 Datasheet HTML 30Page - Renesas Technology Corp R8C26 Datasheet HTML 31Page - Renesas Technology Corp R8C26 Datasheet HTML 32Page - Renesas Technology Corp R8C26 Datasheet HTML 33Page - Renesas Technology Corp R8C26 Datasheet HTML 34Page - Renesas Technology Corp R8C26 Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 75 page
background image
R8C/26 Group, R8C/27 Group
5. Electrical Characteristics
Rev.2.10
Sep 26, 2008
Page 29 of 69
REJ03B0168-0210
NOTES:
1.
The measurement condition is Topr = -20 to 85
°C (N version) / -40 to 85°C (D version), unless otherwise specified.
2.
This condition (external power VCC rise gradient) does not apply if VCC
≥ 1.0 V.
3.
To use the power-on reset function, enable voltage monitor 0 reset by setting the LVD0ON bit in the OFS register to 0, the
VW0C0 and VW0C6 bits in the VW0C register to 1 respectively, and the VCA25 bit in the VCA2 register to 1.
4.
tw(por1) indicates the duration the external power VCC must be held below the effective voltage (Vpor1) to enable a power on
reset. When turning on the power for the first time, maintain tw(por1) for 30 s or more if -20
°C ≤ Topr ≤ 85°C, maintain tw(por1) for
3,000 s or more if -40
°C ≤ Topr < -20°C.
Figure 5.3
Reset Circuit Electrical Characteristics
Table 5.9
Power-on Reset Circuit, Voltage Monitor 0 Reset Electrical Characteristics(3)
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
Vpor1
Power-on reset valid voltage(4)
−−
0.1
V
Vpor2
Power-on reset or voltage monitor 0 reset valid
voltage
0
−
Vdet0
V
trth
External power VCC rise gradient(2)
20
−−
mV/msec
NOTES:
1. When using the voltage monitor 0 digital filter, ensure that the voltage is within the MCU operation voltage
range (2.2 V or above) during the sampling time.
2. The sampling clock can be selected. Refer to 6. Voltage Detection Circuit of Hardware Manual for details.
3. Vdet0 indicates the voltage detection level of the voltage detection 0 circuit. Refer to 6. Voltage Detection
Circuit of Hardware Manual for details.
Vdet0(3)
Vpor1
Internal
reset signal
(“L” valid)
tw(por1)
Sampling time(1, 2)
Vdet0(3)
1
fOCO-S
× 32
1
fOCO-S
× 32
Vpor2
2.2 V
External
Power VCC
trth
trth



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com