Electronic Components Datasheet Search
  English  ▼

X  

R8C26 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # R8C26
Description  SINGLE-CHIP 16-BIT CMOS MCU
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C26 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button R8C26 Datasheet HTML 4Page - Renesas Technology Corp R8C26 Datasheet HTML 5Page - Renesas Technology Corp R8C26 Datasheet HTML 6Page - Renesas Technology Corp R8C26 Datasheet HTML 7Page - Renesas Technology Corp R8C26 Datasheet HTML 8Page - Renesas Technology Corp R8C26 Datasheet HTML 9Page - Renesas Technology Corp R8C26 Datasheet HTML 10Page - Renesas Technology Corp R8C26 Datasheet HTML 11Page - Renesas Technology Corp R8C26 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 75 page
background image
R8C/26 Group, R8C/27 Group
1. Overview
Rev.2.10
Sep 26, 2008
Page 6 of 69
REJ03B0168-0210
Figure 1.2
Part Number, Memory Size, and Package of R8C/26 Group
Part No.
R 5 F 21 26 6 S N XXX FP
Package type:
FP: PLQP0032GB-A
ROM number
Classification
N: Operating ambient temperature -20 to 85°C (N version)
D: Operating ambient temperature -40 to 85°C (D version)
J: Operating ambient temperature -40 to 85°C (J version)
K: Operating ambient temperature -40 to 125°C (K version)
S: Low-voltage version (other no symbols)
ROM capacity
2: 8 KB
4: 16 KB
5: 24 KB
6: 32 KB
R8C/26 Group
R8C/2x Series
Memory type
F: Flash memory
Renesas MCU
Renesas semiconductor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com