Electronic Components Datasheet Search
  English  ▼

X  

OPA171 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA171
Description  36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA171 Datasheet(HTML) 2 Page - Texas Instruments

  OPA171 Datasheet HTML 1Page - Texas Instruments OPA171 Datasheet HTML 2Page - Texas Instruments OPA171 Datasheet HTML 3Page - Texas Instruments OPA171 Datasheet HTML 4Page - Texas Instruments OPA171 Datasheet HTML 5Page - Texas Instruments OPA171 Datasheet HTML 6Page - Texas Instruments OPA171 Datasheet HTML 7Page - Texas Instruments OPA171 Datasheet HTML 8Page - Texas Instruments OPA171 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
OPA171
OPA2171
OPA4171
SBOS516B – SEPTEMBER 2010 – REVISED NOVEMBER 2010
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
PACKAGE
PACKAGE
TRANSPORT MEDIA,
PRODUCT
PACKAGE-LEAD
DESIGNATOR
MARKING
ORDERING NUMBER
QUANTITY
OPA171AIDRLT
Tape and Reel, 250
SOT553
DRL
DAP
OPA171AIDRLR
Tape and Reel, 4000
OPA171AIDBVT
Tape and Reel, 250
OPA171
SOT23-5
DBV
OSUI
OPA171AIDBVR
Tape and Reel, 3000
OPA171AID
Rail, 75
SO-8
D
O171A
OPA171AIDR
Tape and Reel, 2500
OPA2171AIDCUT
Tape and Reel, 250
VSSOP-8
DCU
OPOC
OPA2171AIDCUR
Tape and Reel, 3000
OPA2171
OPA2171AID
Rail, 75
SO-8
D
2171A
OPA2171AIDR
Tape and Reel, 2500
OPA42171AID
Rail, 50
SO-14
D
OPA4171A
OPA42171AIDR
Tape and Reel, 2500
OPA4171
OPA42171AIPW
Rail, 90
TSSOP-14
PW
OPA4171A
OPA42171AIPWR
Tape and Reel, 2000
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range, unless otherwise noted.
OPAx171
UNIT
Supply voltage
±20
V
Voltage
(V–) – 0.5 to (V+) + 0.5
V
Signal input terminals
Current
±10
mA
Output short circuit(2)
Continuous
Operating temperature
–55 to +150
°C
Storage temperature
–65 to +150
°C
Junction temperature
+150
°C
Human body model (HBM)
4
kV
ESD ratings:
Charged device model (CDM)
750
V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
(2)
Short-circuit to ground, one amplifier per package.
2
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): OPA171 OPA2171 OPA4171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com