Electronic Components Datasheet Search
  English  ▼

X  

OPA171 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA171
Description  36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA171 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA171 Datasheet HTML 9Page - Texas Instruments OPA171 Datasheet HTML 10Page - Texas Instruments OPA171 Datasheet HTML 11Page - Texas Instruments OPA171 Datasheet HTML 12Page - Texas Instruments OPA171 Datasheet HTML 13Page - Texas Instruments OPA171 Datasheet HTML 14Page - Texas Instruments OPA171 Datasheet HTML 15Page - Texas Instruments OPA171 Datasheet HTML 16Page - Texas Instruments OPA171 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
Output
Output
Time(100 s/div)
m
+18V
-18V
37V
PP
SineWave
( 18.5V)
±
OPA171
OPA171
OPA2171
OPA4171
www.ti.com
SBOS516B – SEPTEMBER 2010 – REVISED NOVEMBER 2010
APPLICATION INFORMATION
The OPAx171 family of operational amplifiers provide
This device can operate with full rail-to-rail input
high overall performance, making them ideal for many
100mV beyond the top rail, but with reduced
general-purpose applications. The excellent offset
performance within 2V of the top rail. The typical
drift of only 2µV/°C provides excellent stability over
performance in this range is summarized in Table 2.
the entire temperature range. In addition, the device
offers very good overall performance with high
PHASE-REVERSAL PROTECTION
CMRR, PSRR, and AOL. As with all amplifiers,
The OPAx171 family has an internal phase-reversal
applications with noisy or high-impedance power
protection. Many op amps exhibit a phase reversal
supplies require decoupling capacitors close to the
when
the
input
is
driven
beyond
its
linear
device pins. In most cases, 0.1µF capacitors are
common-mode range. This condition is most often
adequate.
encountered in noninverting circuits when the input is
driven beyond the specified common-mode voltage
OPERATING CHARACTERISTICS
range, causing the output to reverse into the opposite
The OPAx171 family of amplifiers is specified for
rail. The input of the OPAx171 prevents phase
operation from 2.7V to 36V (±1.35V to ±18V). Many
reversal
with
excessive
common-mode
voltage.
of the specifications apply from –40°C to +125°C.
Instead, the output limits into the appropriate rail. This
Parameters that can exhibit significant variance with
performance is shown in Figure 37.
regard to operating voltage or temperature are
presented in the Typical Characteristics.
GENERAL LAYOUT GUIDELINES
For best operational performance of the device, good
printed circuit board (PCB) layout practices are
recommended. Low-loss, 0.1µF bypass capacitors
should be connected between each supply pin and
ground, placed as close to the device as possible. A
single bypass capacitor from V+ to ground is
applicable to single-supply applications.
COMMON-MODE VOLTAGE RANGE
The input common-mode voltage range of the
Figure 37. No Phase Reversal
OPAx171 series extends 100mV below the negative
rail and within 2V of the top rail for normal operation.
Table 2. Typical Performance Range
PARAMETER
MIN
TYP
MAX
UNIT
Input Common-Mode Voltage
(V+) – 2
(V+) + 0.1
V
Offset voltage
7
mV
vs Temperature
12
µV/°C
Common-mode rejection
65
dB
Open-loop gain
60
dB
GBW
0.7
MHz
Slew rate
0.7
V/µs
Noise at f = 1kHz
30
nV/
√Hz
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): OPA171 OPA2171 OPA4171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com