Electronic Components Datasheet Search
  English  ▼

X  

OPA171 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA171
Description  36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA171 Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA171 Datasheet HTML 2Page - Texas Instruments OPA171 Datasheet HTML 3Page - Texas Instruments OPA171 Datasheet HTML 4Page - Texas Instruments OPA171 Datasheet HTML 5Page - Texas Instruments OPA171 Datasheet HTML 6Page - Texas Instruments OPA171 Datasheet HTML 7Page - Texas Instruments OPA171 Datasheet HTML 8Page - Texas Instruments OPA171 Datasheet HTML 9Page - Texas Instruments OPA171 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
OPA171
OPA2171
OPA4171
SBOS516B – SEPTEMBER 2010 – REVISED NOVEMBER 2010
www.ti.com
TYPICAL CHARACTERISTICS
TABLE OF GRAPHS
Table 1. Characteristic Performance Measurements
DESCRIPTION
FIGURE
Offset Voltage Production Distribution
Figure 1
Offset Voltage Drift Distribution
Figure 2
Offset Voltage vs Temperature
Figure 3
Offset Voltage vs Common-Mode Voltage
Figure 4
Offset Voltage vs Common-Mode Voltage (Upper Stage)
Figure 5
Offset Voltage vs Power Supply
Figure 6
IB and IOS vs Common-Mode Voltage
Figure 7
Input Bias Current vs Temperature
Figure 8
Output Voltage Swing vs Output Current (Maximum Supply)
Figure 9
CMRR and PSRR vs Frequency (Referred-to Input)
Figure 10
CMRR vs Temperature
Figure 11
PSRR vs Temperature
Figure 12
0.1Hz to 10Hz Noise
Figure 13
Input Voltage Noise Spectral Density vs Frequency
Figure 14
THD+N Ratio vs Frequency
Figure 15
THD+N vs Output Amplitude
Figure 16
Quiescent Current vs Temperature
Figure 17
Quiescent Current vs Supply Voltage
Figure 18
Open-Loop Gain and Phase vs Frequency
Figure 19
Closed-Loop Gain vs Frequency
Figure 20
Open-Loop Gain vs Temperature
Figure 21
Open-Loop Output Impedance vs Frequency
Figure 22
Small-Signal Overshoot vs Capacitive Load (100mV Output Step)
Figure 23, Figure 24
No Phase Reversal
Figure 25
Positive Overload Recovery
Figure 26
Negative Overload Recovery
Figure 27
Small-Signal Step Response (100mV)
Figure 28, Figure 29
Large-Signal Step Response
Figure 30, Figure 31
Large-Signal Settling Time (10V Positive Step)
Figure 32
Large-Signal Settling Time (10V Negative Step)
Figure 33
Short-Circuit Current vs Temperature
Figure 34
Maximum Output Voltage vs Frequency
Figure 35
Channel Separation vs Frequency
Figure 36
6
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): OPA171 OPA2171 OPA4171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com