Electronic Components Datasheet Search
  English  ▼

X  

OPA171 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA171
Description  36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA171 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA171 Datasheet HTML 7Page - Texas Instruments OPA171 Datasheet HTML 8Page - Texas Instruments OPA171 Datasheet HTML 9Page - Texas Instruments OPA171 Datasheet HTML 10Page - Texas Instruments OPA171 Datasheet HTML 11Page - Texas Instruments OPA171 Datasheet HTML 12Page - Texas Instruments OPA171 Datasheet HTML 13Page - Texas Instruments OPA171 Datasheet HTML 14Page - Texas Instruments OPA171 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
Output
Output
Time(100 s/div)
m
+18V
-18V
37V
PP
SineWave
( 18.5V)
±
OPA171
Time(5 s/div)
m
V
IN
V
OUT
2kW
20kW
V
IN
V
OUT
OPA171
G= 10
-
+18V
-18V
Time(5 s/div)
m
V
IN
V
OUT
2kW
20kW
V
IN
V
OUT
OPA171
G= 10
-
+18V
-18V
Time(1 s/div)
m
+18V
-18V
C
L
R
L
OPA171
G=+1
R =10k
C =100pF
W
L
L
Time(20 s/div)
m
+18V
-18V
R
2kW
F
=
R
2kW
I
=
C
L
OPA171
G=
1
-
C =100pF
L
Time(5 s/div)
m
G=+1
R =10k
C =100pF
W
L
L
OPA171
OPA2171
OPA4171
www.ti.com
SBOS516B – SEPTEMBER 2010 – REVISED NOVEMBER 2010
TYPICAL CHARACTERISTICS (continued)
VS = ±18V, VCM = VS/2, RLOAD = 10kΩ connected to VS/2, and CL = 100pF, unless otherwise noted.
NO PHASE REVERSAL
POSITIVE OVERLOAD RECOVERY
Figure 25.
Figure 26.
SMALL-SIGNAL STEP RESPONSE
NEGATIVE OVERLOAD RECOVERY
(100mV)
Figure 27.
Figure 28.
SMALL-SIGNAL STEP RESPONSE
(100mV)
LARGE-SIGNAL STEP RESPONSE
Figure 29.
Figure 30.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): OPA171 OPA2171 OPA4171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com