Electronic Components Datasheet Search
  English  ▼

X  

IP1206PBF Datasheet(PDF) 4 Page - International Rectifier

Part # IP1206PBF
Description  Synchronous Buck Multiphase Optimized LGA Power Block
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1206PBF Datasheet(HTML) 4 Page - International Rectifier

  IP1206PBF Datasheet HTML 1Page - International Rectifier IP1206PBF Datasheet HTML 2Page - International Rectifier IP1206PBF Datasheet HTML 3Page - International Rectifier IP1206PBF Datasheet HTML 4Page - International Rectifier IP1206PBF Datasheet HTML 5Page - International Rectifier IP1206PBF Datasheet HTML 6Page - International Rectifier IP1206PBF Datasheet HTML 7Page - International Rectifier IP1206PBF Datasheet HTML 8Page - International Rectifier IP1206PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
2/26/2008
www.irf.com
4
iP1206PbF
Electrical Specifications
V
-
-
0.3
Turn off Threshold
V
5
-
-
Turn on Threshold
V
0.6
-
-
SYNC LOW Level Threshold (V
IL)
V
-
-
2
SYNC HIGH Level Threshold (V
IH)
ns
-
300
200
SYNC Pulse Duration
20% above Free Running Freq
kHz
1200
-
-
SYNC Frequency Range
F
S = 300kHz
ns
150
-
-
Minimum Pulse Width
F
S = 300kHz, FB = 0V
%
-
-
84
Maximum Duty Cycle
FB = 1V
%
0
-
-
Minimum Duty Cycle
V
-
1.25
-
Ramp Amplitude
F
S = 300kHz
%
112
-
88
Frequency Accuracy
kHz
600
-
200
Frequency Range
(Note 3)
V
V
O3
-
0
TRACK pin Voltage Range
(Note 3)
V
V
CC -2
-
0.4
VP pin Voltage Range
FB to Vref
mV
3.5
-
-3.5
Input Offset Voltage
µmho
5000
-
3000
Transconductance
µA
280
200
120
Sink/Source Current
Soft Start Pin = 3V
µA
-0.5
-0.1
-
Input Bias Current
Error Amplifier 1,2
Output Voltage set to 1.25Vref (Note3)
µs
5
-
-
Propagation Delay to Shutdown
Percentage of Voltage Reference
%
120
115
110
Start Threshold
Over Voltage Protection
I
SINK = 2mA
V
0.5
0.1
-
PGOOD1/2 Output Low Voltage
Percentage of Voltage Reference
%
95
90
80
FB1/2S Threshold
POWER GOOD Monitor
Oscillator
Sequence
Conditions
Units
Max
Typ
Min
PARAMETER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com