Electronic Components Datasheet Search
  English  ▼

X  

IP1206PBF Datasheet(PDF) 6 Page - International Rectifier

Part # IP1206PBF
Description  Synchronous Buck Multiphase Optimized LGA Power Block
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1206PBF Datasheet(HTML) 6 Page - International Rectifier

Back Button IP1206PBF Datasheet HTML 2Page - International Rectifier IP1206PBF Datasheet HTML 3Page - International Rectifier IP1206PBF Datasheet HTML 4Page - International Rectifier IP1206PBF Datasheet HTML 5Page - International Rectifier IP1206PBF Datasheet HTML 6Page - International Rectifier IP1206PBF Datasheet HTML 7Page - International Rectifier IP1206PBF Datasheet HTML 8Page - International Rectifier IP1206PBF Datasheet HTML 9Page - International Rectifier IP1206PBF Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
2/26/2008
www.irf.com
6
iP1206PbF
Pin Description
Pin Number
Pin Name
Description
1
CC2
Compensation pin for Error Amplifier 2
2
SS2
Soft Start/Shutdown pin for output 2
3
VIN2
Input supply voltage connection to output 2
4, 6, 13, 15
PGND
Power Ground
5
VSW2
Voltage Switching Node for output 2 – pin connection to the output inductor
7
VCB2
Boot strap capacitor pin for output 2 - connect a 0.1µF from this pin to VSW2
8
OC2
Over current threshold setting pin for output 2
9
VCH
Supply voltage for internal high side FET drivers of both outputs
10
VCL
Supply voltage for internal low side FET drivers of both outputs
11
OC1
Over current threshold setting pin for output 1
12
VCB1
Boot strap capacitor pin for output 1 - connect a 0.1µF from this pin to VSW1
14
VSW1
Voltage Switching Node for output 1 – pin connection to the output inductor
16
VIN1
Input supply voltage connection to output 1
17
SS1
Soft Start/Shutdown pin for output 1
18
CC1
Compensation pin for Error Amplifier 1
19
FB1
Inverting input for Error Amplifier 1
20
FB1S
Output over voltage protection sense pin for output 1
21
SEQ
Sequence Enable pin
22
SYNC
External clock synchronization pin – when not in use, leave pin floating
23
PGOOD2
Power Good status pin of output 2 – output is open collector
24
VP1
Non-inverting input of error amplifier 1
25
VP2
Non-inverting input of error amplifier 2
26
VREF
Internal voltage reference pin - connect a 100pF from this pin to AGND
27
PGOOD1
Power Good status pin of output 1 – output is open collector
28
VCC
Input supply voltage of internal control IC - connect a 1.0µF from this pin to AGND
29
VO3
Output of internal regulator used to supply VCH – connect a 1.0µF from this pin to PGND
30
TRACK
Secondary non-inverting input to Error Amplifier 2 – used to set the type of power up/down
sequence of the output voltages
31
ENABLE
Master enable pin. Recycling this pin will reset OV, SS, and Pre-Bias latch for both outputs.
32
NC
No connect. This pin is not for electrical connection.
33
RT
Switching frequency setting pin
34
FB2S
Output over voltage protection sense pin for output 2
35
FB2
Inverting input for Error Amplifier 2
36
AGND
Analog Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com