Electronic Components Datasheet Search
  English  ▼

X  

IP1206PBF Datasheet(PDF) 10 Page - International Rectifier

Part # IP1206PBF
Description  Synchronous Buck Multiphase Optimized LGA Power Block
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1206PBF Datasheet(HTML) 10 Page - International Rectifier

Back Button IP1206PBF Datasheet HTML 6Page - International Rectifier IP1206PBF Datasheet HTML 7Page - International Rectifier IP1206PBF Datasheet HTML 8Page - International Rectifier IP1206PBF Datasheet HTML 9Page - International Rectifier IP1206PBF Datasheet HTML 10Page - International Rectifier IP1206PBF Datasheet HTML 11Page - International Rectifier IP1206PBF Datasheet HTML 12Page - International Rectifier IP1206PBF Datasheet HTML 13Page - International Rectifier IP1206PBF Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
2/26/2008
www.irf.com
10
iP1206PbF
Circuit Description
THEORY OF OPERATION
Introduction
The iP1206 is a versatile device for high
performance buck converters. It consists of two
synchronous buck controllers which can be
operated either in a two independent outputs
mode or in a current share single output mode for
high current applications.
The timing of the IC is provided by an internal
oscillator circuit which generates two-180o-out-of-
phase clock that can be externally programmed
up to 600kHz per phase.
Under-Voltage Lockout
The under-voltage lockout circuit monitors four
signals (Vcc, Enable, VCH1, VCH2). This ensures
the correct operation of the converter during
power up and power down sequence. The driver
outputs remain in the off state whenever one of
these signals drops below set thresholds. Normal
operation resumes once these signals rise above
the set values. Fig. 6 shows a typical start up
sequence.
Enable
The enable features another level of flexibility for
start up. The Enable has precise threshold which
is internally monitored by an under-voltage
lockout circuit.
It’s threshold can be externally programmed to
desired level by using two external resistors, so
the converter doesn’t start up until the input
voltage has reached the specified threshold level
(see Fig. 6).
Fig. 6: Normal Start up, Enable threshold is externally set to 11V
Seq pin is pulled high prior to start up
Vcc
7.2V
Vout3
Enable
Vbus
7.25V
11V
12V
12V
SS
3V
Enable OK (IC's POR)
Vcc OK
Seq
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com