Electronic Components Datasheet Search
  English  ▼

X  

IP1206PBF Datasheet(PDF) 5 Page - International Rectifier

Part # IP1206PBF
Description  Synchronous Buck Multiphase Optimized LGA Power Block
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1206PBF Datasheet(HTML) 5 Page - International Rectifier

  IP1206PBF Datasheet HTML 1Page - International Rectifier IP1206PBF Datasheet HTML 2Page - International Rectifier IP1206PBF Datasheet HTML 3Page - International Rectifier IP1206PBF Datasheet HTML 4Page - International Rectifier IP1206PBF Datasheet HTML 5Page - International Rectifier IP1206PBF Datasheet HTML 6Page - International Rectifier IP1206PBF Datasheet HTML 7Page - International Rectifier IP1206PBF Datasheet HTML 8Page - International Rectifier IP1206PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
2/26/2008
www.irf.com
5
iP1206PbF
Note1: Continuous output current determined by input and output voltage setting. Refer to SOA
curve.
Note2: FB1,2 connected to CC1,2. Measured at the CC1,2 pin. Production tested at 25ºC. Other
temperatures guaranteed by design.
Note3: Guaranteed by design but not tested in production.
Note4: Block Temperature is defined as any Die temperature within the package.
Electrical Specifications
mA
110
Current Limit
V
CC = 9V, ILOAD = 100mA
V
2
Dropout Voltage
V
CC = 12V, ILOAD = 50mA
V
7.7
7.2
6.7
Output Accuracy
Internal Regulator (V
O3)
ºC
-
20
-
Temperature Hysteresis
(Note 3)
ºC
-
145
130
Start Threshold
Thermal Shutdown
(Note 3)
%
-
5
-
Hiccup Duty Cycle
VIN = 12V, ROCSET = 7.5KΩ
A
29
24.5
20
Start Threshold
Over Current Protection
Conditions
Units
Max
Typ
Min
PARAMETER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com