Electronic Components Datasheet Search
  English  ▼

X  

BTM7741G Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BTM7741G
Description  TrilithIC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTM7741G Datasheet(HTML) 5 Page - Infineon Technologies AG

  BTM7741G Datasheet HTML 1Page - Infineon Technologies AG BTM7741G Datasheet HTML 2Page - Infineon Technologies AG BTM7741G Datasheet HTML 3Page - Infineon Technologies AG BTM7741G Datasheet HTML 4Page - Infineon Technologies AG BTM7741G Datasheet HTML 5Page - Infineon Technologies AG BTM7741G Datasheet HTML 6Page - Infineon Technologies AG BTM7741G Datasheet HTML 7Page - Infineon Technologies AG BTM7741G Datasheet HTML 8Page - Infineon Technologies AG BTM7741G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Data Sheet
5
Rev. 1.0, 2007-05-21
BTM7741G
Pins written in bold type need power wiring.
Table 1
Pin Definitions and Functions
Pin No.
Symbol Function
1, 3, 25, 28
DL1
Drain of low-side switch1, lead frame 1 1)
1) To reduce the thermal resistance these pins are direct connected via metal bridges to the lead frame.
2
IL1
Analog input of low-side switch1
4
N.C.
not connected
5, 10, 19, 24 DHVS
Drain of high-side switches and power supply voltage, lead frame 2 1)
6
GND
Ground
7
IH1
Digital input of high-side switch1
8
ST
Status of high-side switches; open Drain output
9
IH2
Digital input of high-side switch2
11
N.C.
not connected
12, 14, 15, 18 DL2
Drain of low-side switch2, lead frame 3 1)
13
IL2
Analog input of low-side switch2
16,17
SL2
Source of low-side switch2
20,21
SH2
Source of high-side switch2
22,23
SH1
Source of high-side switch1
26,27
SL1
Source of low-side switch1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com